Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904 Datasheet(PDF) 3 Page - Rohm

Part # 2N3904
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2N3904 Datasheet(HTML) 3 Page - Rohm

  2N3904 Datasheet HTML 1Page - Rohm 2N3904 Datasheet HTML 2Page - Rohm 2N3904 Datasheet HTML 3Page - Rohm 2N3904 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UMT3904 / SST3904 / MMST3904 / 2N3904
Transistors
0.01
1.0
0.1
10
100
100
10
500
5
COLLECTOR CURRENT : IC (
mA)
Fig.5 AC current gain vs. collector current
Ta=25
°C
VCE=5V
f=1kHz
0.1
1.0
10
100
0.8
1.2
1.8
1.6
0.4
0
COLLECTOR CURRENT : IC (
mA)
Fig.6 Base-emitter saturation
voltage vs. collector current
Ta=25
°C
IC / IB=10
0.1
1.0
10
100
0.8
1.2
1.8
1.6
0.4
0
COLLECTOR CURRENT : IC (
mA)
Fig.7 Grounded emitter propagation
characteristics
Ta=25
°C
VCE=5V
1.0
10
100
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.8 Turn-on time vs. collector
current
Ta=25
°C
IC / IB=10
VCC=3V
15V
40V
1.0
10
100
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.9 Rise time vs. collector
current
Ta=25
°C
IC / IB=10
VCC=40V
Ta=25
°C
IC=10IB1=10IB2
1.0
10
100
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.10 Storage time vs. collector
current
VCE=3V
40V
15V
1.0
10
100
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.11 Fall time vs. collector
current
Ta=25
°C
VCC=40V
IC/IB=10
0.1
1.0
10
100
10
50
0.5
1
REVERSE BIAS VOLTAGE (
V)
Fig.12 Input / output capacitance
vs. voltage
Ta=25
°C
f=1MHz
Cib
Cob


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com