Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0022285362 Datasheet HTML 1Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 2Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 3Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 4Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 5Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 6Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 7Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0002/0036
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABA154
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4020 A-42375-0002
20
22-28-4200 A-42375-0020
03
22-28-4030 A-42375-0003
21
22-28-4210 A-42375-0021
04
22-28-4040 A-42375-0004
22
22-28-4220 A-42375-0022
05
22-28-4050 A-42375-0005
23
22-28-4230 A-42375-0023
06
22-28-4060 A-42375-0006
24
22-28-4240 A-42375-0024
07
22-28-4070 A-42375-0007
25
22-28-4250 A-42375-0025
08
22-28-4080 A-42375-0008
26
22-28-4260 A-42375-0026
09
22-28-4090 A-42375-0009
27
22-28-4270 A-42375-0027
10
22-28-4100 A-42375-0010
28
22-28-4280 A-42375-0028
11
22-28-4110 A-42375-0011
29
22-28-4290 A-42375-0029
12
22-28-4120 A-42375-0012
30
22-28-4300 A-42375-0030
13
22-28-4130 A-42375-0013
31
22-28-4310 A-42375-0031
14
22-28-4140 A-42375-0014
32
22-28-4320 A-42375-0032
15
22-28-4150 A-42375-0015
33
22-28-4330 A-42375-0033
16
22-28-4160 A-42375-0016
34
22-28-4340 A-42375-0034
17
22-28-4170 A-42375-0017
35
22-28-4350 A-42375-0035
18
22-28-4180 A-42375-0018
36
22-28-4360 A-42375-0036
19
22-28-4190 A-42375-0019
ENG. NO: A-42375-0037/0071
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABB208
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
.100 / 3.18
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4023
A-42375-0037
20
22-28-4203 A-42375-0055
03
22-28-4033
A-42375-0038
21
22-28-4213 A-42375-0056
04
22-28-4043
A-42375-0039
22
22-28-4223 A-42375-0057
05
22-28-4053
A-42375-0040
23
22-28-4233 A-42375-0058
06
22-28-4063
A-42375-0041
24
22-28-4243 A-42375-0059
07
22-28-4073
A-42375-0042
25
22-28-4253 A-42375-0060
08
22-28-4083
A-42375-0043
26
22-28-4263 A-42375-0061
09
22-28-4093
A-42375-0044
27
22-28-4273 A-42375-0062
10
22-28-4103
A-42375-0045
28
22-28-4283 A-42375-0063
11
22-28-4113
A-42375-0046
29
22-28-4293 A-42375-0064
12
22-28-4123
A-42375-0047
30
22-28-4303 A-42375-0065
13
22-28-4133
A-42375-0048
31
22-28-4313 A-42375-0066
14
22-28-4143
A-42375-0049
32
22-28-4323 A-42375-0067
15
22-28-4153
A-42375-0050
33
22-28-4233 A-42375-0068
16
22-28-4163
A-42375-0051
34
22-28-4343 A-42375-0069
17
22-28-4173
A-42375-0052
35
22-28-4353 A-42375-0070
18
22-28-4183
A-42375-0053
36
22-28-4363 A-42375-0071
19
22-28-4193
A-42375-0054


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com