Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 30 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 30 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 27Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 28Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 29Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 30Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 31Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 32Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 33Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 34Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 28 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3729/3763
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AFB208
PIN LENGTH: L
.475 / 12.07
MATING LENGTH: M
.232 / 5.89
GOLD POINT: G
.150 / 3.81
PC TAIL LENGTH: P
.153 / 3.89
TIN: T
.150 / 3.81
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
5
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
42375-3729
20
42375-3747
03
42375-3730
21
42375-3748
04
42375-3731
22
42375-3749
05
42375-3732
23
42375-3750
06
42375-3733
24
42375-3751
07
42375-3734
25
42375-3752
08
68300-2007
42375-3735
26
42375-3753
09
42375-3736
27
42375-3754
10
42375-3737
28
42375-3755
11
42375-3738
29
42375-3756
12
42375-3739
30
42375-3757
13
42375-3740
31
42375-3758
14
42375-3741
32
42375-3759
15
42375-3742
33
42375-3760
16
42375-3743
34
42375-3761
17
42375-3744
35
42375-3762
18
42375-3745
36
42375-3763
19
42375-3746
ENG. NO: 42375-3764/3798
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ETA154
PIN LENGTH: L
.950/24.13
MATING LENGTH: M
.750/19.05
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.110/2.79
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
2
PACKAGING:
BULK PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
20
03
21
04
22
05
23
06
24
07
25
08
42375-3770
26
09
27
10
28
11
29
12
30
13
31
14
32
15
33
16
34
17
35
18
36
19


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com