Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 29 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 29 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 27Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 28Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 29Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 30Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 31Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 32Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 33Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 27 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3659/3693
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AXB208
PIN LENGTH: L
.540 /13.72
MATING LENGTH: M
.250 / 6.35
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.200 / 5.08
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
68300-2000
42375-3659
20
42375-3677
03
68300-2001
42375-3660
21
42375-3678
04
42375-3661
22
42375-3679
05
68300-2006
42375-3662
23
42375-3680
06
42375-3663
24
42375-3681
07
42375-3664
25
42375-3682
08
42375-3665
26
42375-3683
09
42375-3666
27
42375-3684
10
42375-3667
28
42375-3685
11
42375-3668
29
42375-3686
12
42375-3669
30
42375-3687
13
42375-3670
31
42375-3688
14
42375-3671
32
42375-3689
15
42375-3672
33
42375-3690
16
42375-3673
34
42375-3691
17
42375-3674
35
42375-3692
18
42375-3675
36
42375-3693
19
42375-3676
ENG. NO: 42375-3694/3728
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AXB208
PIN LENGTH: L
.540 / 13.72
MATING LENGTH: M
.250 / 6.35
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.200 / 5.08
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
5
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
42375-3694
20
42375-3712
03
42375-3695
21
42375-3713
04
42375-3696
22
42375-3714
05
42375-3697
23
42375-3715
06
42375-3698
24
42375-3716
07
42375-3699
25
42375-3717
08
68300-2002
42375-3700
26
42375-3718
09
42375-3701
27
42375-3719
10
42375-3702
28
42375-3720
11
42375-3703
29
42375-3721
12
42375-3704
30
42375-3722
13
42375-3705
31
42375-3723
14
42375-3706
32
42375-3724
15
42375-3707
33
42375-3725
16
42375-3708
34
42375-3726
17
42375-3709
35
42375-3727
18
42375-3710
36
42375-3728
19
42375-3711


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com