Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 26 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 26 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 24Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 27Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 28Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 29Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 30Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 24 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3499/3533
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ETA154
PIN LENGTH: L
.950/24.13
MATING LENGTH: M
.750/19.05
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.110/2.79
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3499
20
42375-3517
03
42375-3500
21
42375-3518
04
42375-3501
22
42375-3519
05
42375-3502
23
42375-3520
06
42375-3503
24
42375-3521
07
42375-3504
25
42375-3522
08
42375-3505
26
42375-3523
09
42375-3506
27
42375-3524
10
42375-3507
28
42375-3525
11
42375-3508
29
42375-3526
12
42375-3509
30
42375-3527
13
42375-3510
31
42375-3528
14
42375-3511
32
42375-3529
15
42375-3512
33
42375-3530
16
42375-3513
34
42375-3531
17
42375-3514
35
42375-3532
18
42375-3515
36
42375-3533
19
42375-3516
ENG. NO: 42375-3464 / 3498
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-CJA154
PIN LENGTH: L
.700/17.78
MATING LENGTH: M
.500/12.70
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.110/2.79
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
# 2
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3464
20
42375-3482
03
42375-3465
21
42375-3483
04
42375-3466
22
42375-3484
05
42375-3467
23
42375-3485
06
42375-3468
24
42375-3486
07
42375-3469
25
42375-3487
08
42375-3470
26
42375-3488
09
42375-3471
27
42375-3489
10
42375-3472
28
42375-3490
11
42375-3473
29
42375-3491
12
42375-3474
30
42375-3492
13
42375-3475
31
42375-3493
14
42375-3476
32
42375-3494
15
42375-3477
33
42375-3495
16
42375-3478
34
42375-3496
17
42375-3479
35
42375-3497
18
42375-3480
36
42375-3498
19
42375-3481
ENG. NO: 42375-3534/3568
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AWB208
PIN LENGTH: L
.535/13.59
MATING LENGTH: M
.235/5.97
GOLD POINT: G
.200/5.08
PC TAIL LENGTH: P
.210/5.33
TIN: T
.100/2.54
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3534
20
42375-3552
03
42375-3535
21
42375-3553
04
42375-3536
22
42375-3554
05
42375-3537
23
42375-3555
06
42375-3538
24
42375-3556
07
42375-3539
25
42375-3557
08
42375-3540
26
42375-3558
09
42375-3541
27
42375-3559
10
42375-3542
28
42375-3560
11
42375-3543
29
42375-3561
12
42375-3544
30
42375-3562
13
42375-3545
31
42375-3563
14
42375-3546
32
42375-3564
15
42375-3547
33
42375-3565
16
42375-3548
34
42375-3566
17
42375-3549
35
42375-3567
18
42375-3550
36
42375-3568
19
42375-3551


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com