Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 24 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 24 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 24Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 27Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 28Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 22 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3254 / 3288
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-DMA154
PIN LENGTH: L
.820 / 20.83
MATING LENGTH: M
.590 / 14.99
GOLD POINT: G
NA
PC TAIL LENGTH: P
.140 / 3.56
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3254
20
42375-3272
03
42375-3255
21
42375-3273
04
42375-3256
22
42375-3274
05
42375-3257
23
42375-3275
06
42375-3258
24
42375-3276
07
42375-3259
25
42375-3277
08
42375-3260
26
42375-3278
09
42375-3261
27
42375-3279
10
42375-3262
28
42375-3280
11
42375-3263
29
42375-3281
12
42375-3264
30
42375-3282
13
42375-3265
31
42375-3283
14
42375-3266
32
42375-3284
15
42375-3267
33
42375-3285
16
42375-3268
34
42375-3286
17
42375-3269
35
42375-3287
18
42375-3270
36
42375-3288
19
42375-3271
ENG. NO: 42375-3289 / 3323
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-FNA154
PIN LENGTH: L
1.035 / 26.29
MATING LENGTH: M
.358 / 9.09
GOLD POINT: G
NA
PC TAIL LENGTH: P
.587 / 14.91
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3289
20
42375-3307
03
42375-3290
21
42375-3308
04
42375-3291
22
42375-3309
05
42375-3292
23
42375-3310
06
42375-3293
24
42375-3311
07
42375-3294
25
42375-3312
08
42375-3295
26
42375-3313
09
42375-3296
27
42375-3314
10
42375-3297
28
42375-3315
11
42375-3298
29
42375-3316
12
42375-3299
30
42375-3317
13
42375-3300
31
42375-3318
14
42375-3301
32
42375-3319
15
42375-3302
33
42375-3320
16
42375-3303
34
42375-3321
17
42375-3304
35
42375-3322
18
42375-3305
36
42375-3323
19
42375-3306
ENG. NO: 42375-3324 / 3358
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-CCA154
PIN LENGTH: L
.670 / 17.02
MATING LENGTH: M
.440 / 11.18
GOLD POINT: G
NA
PC TAIL LENGTH: P
.140 / 3.56
TIN: T
OVERALL
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3324
20
42375-3342
03
42375-3325
21
42375-3343
04
42375-3326
22
42375-3344
05
42375-3327
23
42375-3345
06
42375-3328
24
42375-3346
07
42375-3329
25
42375-3347
08
42375-3330
26
42375-3348
09
42375-3331
27
42375-3349
10
42375-3332
28
42375-3350
11
42375-3333
29
42375-3351
12
42375-3334
30
42375-3352
13
42375-3335
31
42375-3353
14
42375-3336
32
42375-3354
15
42375-3337
33
42375-3355
16
42375-3338
34
42375-3356
17
42375-3339
35
42375-3357
18
42375-3340
36
42375-3358
19
42375-3341


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com