Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 23 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 23 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 24Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 27Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 21 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3149 / 3183
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BEB208
PIN LENGTH: L
.575 / 14.61
MATING LENGTH: M
.350 / 8.89
GOLD POINT: G
.200 / 5.08
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.200 / 5.08
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3149
20
42375-3167
03
42375-3150
21
42375-3168
04
42375-3151
22
42375-3169
05
42375-3152
23
42375-3170
06
42375-3153
24
42375-3171
07
42375-3154
25
42375-3172
08
42375-3155
26
42375-3173
09
42375-3156
27
42375-3174
10
42375-3157
28
42375-3175
11
42375-3158
29
42375-3176
12
42375-3159
30
42375-3177
13
42375-3160
31
42375-3178
14
42375-3161
32
42375-3179
15
42375-3162
33
42375-3180
16
42375-3163
34
42375-3181
17
42375-3164
35
42375-3182
18
42375-3165
36
42375-3183
19
42375-3166
ENG. NO: 42375-3184 / 3218
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-GNB208
PIN LENGTH: L
1.140 / 28.96
MATING LENGTH: M
.913 / 23.20
GOLD POINT: G
.200 / 5.08
PC TAIL LENGTH: P
.137 / 3.48
TIN: T
.200 / 5.08
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3184
20
42375-3202
03
42375-3185
21
42375-3203
04
42375-3186
22
42375-3204
05
42375-3187
23
42375-3205
06
42375-3188
24
42375-3206
07
42375-3189
25
42375-3207
08
42375-3190
26
42375-3208
09
42375-3191
27
42375-3209
10
42375-3192
28
42375-3210
11
42375-3193
29
42375-3211
12
42375-3194
30
42375-3212
13
42375-3195
31
42375-3213
14
42375-3196
32
42375-3214
15
42375-3197
33
42375-3215
16
42375-3198
34
42375-3216
17
42375-3199
35
42375-3217
18
42375-3200
36
42375-3218
19
42375-3201
ENG. NO: 42375-3219 / 3253
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BPA154
PIN LENGTH: L
.620 / 15.75
MATING LENGTH: M
.280 / 7.11
GOLD POINT: G
NA
PC TAIL LENGTH: P
.250 / 6.35
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3219
20
42375-3237
03
42375-3220
21
42375-3238
04
42375-3221
22
42375-3239
05
42375-3222
23
42375-3240
06
42375-3223
24
42375-3241
07
42375-3224
25
42375-3242
08
42375-3225
26
42375-3243
09
42375-3226
27
42375-3244
10
42375-3227
28
42375-3245
11
42375-3228
29
42375-3246
12
42375-3229
30
42375-3247
13
42375-3230
31
42375-3248
14
42375-3231
32
42375-3249
15
42375-3232
33
42375-3250
16
42375-3233
34
42375-3251
17
42375-3234
35
42375-3252
18
42375-3235
36
42375-3253
19
42375-3236


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com