Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 22 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 22 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 24Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 26Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 20 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-3044/3078
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-KHB208
PIN LENGTH: L
1.430 / 36.32
MATING LENGTH: M
.867 / 22.02
GOLD POINT: G
.200 / 5.08
PC TAIL LENGTH: P
.473 / 12.01
TIN: T
.200 / 5.08
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3044
20
42375-3062
03
42375-3045
21
42375-3063
04
42375-3046
22
42375-3064
05
42375-3047
23
42375-3065
06
42375-3048
24
42375-3066
07
42375-3049
25
42375-3067
08
42375-3050
26
42375-3068
09
42375-3051
27
42375-3069
10
42375-3052
28
42375-3070
11
42375-3053
29
42375-3071
12
42375-3054
30
42375-3072
13
42375-3055
31
42375-3073
14
42375-3056
32
42375-3074
15
42375-3057
33
42375-3075
16
42375-3058
34
42375-3076
17
42375-3059
35
42375-3077
18
42375-3060
36
42375-3078
19
42375-3061
ENG. NO: 42375-3114/3148
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BXA154
PIN LENGTH: L
.645 / 16.38
MATING LENGTH: M
.426 / 10.82
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.124 / 3.15
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-3114
20
42375-3132
03
42375-3115
21
42375-3133
04
42375-3116
22
42375-3134
05
42375-3117
23
42375-3135
06
42375-3118
24
42375-3136
07
42375-3119
25
42375-3137
08
42375-3120
26
42375-3138
09
42375-3121
27
42375-3139
10
42375-3122
28
42375-3140
11
42375-3123
29
42375-3141
12
42375-3124
30
42375-3142
13
42375-3125
31
42375-3143
14
42375-3126
32
42375-3144
15
42375-3127
33
42375-3145
16
42375-3128
34
42375-3146
17
42375-3129
35
42375-3147
18
42375-3130
36
42375-3148
19
42375-3131


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com