Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 21 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 21 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 24Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 25Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 19 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-2836/2870
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-EMA154
PIN LENGTH: L
.925 / 23.50
MATING LENGTH: M
.625 / 15.88
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.210 / 5.33
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-2836
20
42375-2854
03
42375-2837
21
42375-2855
04
42375-2838
22
42375-2856
05
42375-2839
23
42375-2857
06
42375-2840
24
42375-2858
07
42375-2841
25
42375-2859
08
42375-2842
26
42375-2860
09
42375-2843
27
42375-2861
10
42375-2844
28
42375-2862
11
42375-2845
29
42375-2863
12
42375-2846
30
42375-2864
13
42375-2847
31
42375-2865
14
42375-2848
32
42375-2866
15
42375-2849
33
42375-2867
16
42375-2850
34
42375-2868
17
42375-2851
35
42375-2869
18
42375-2852
36
42375-2870
19
42375-2853
ENG. NO: 42375-2801/2835
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-HDB228
PIN LENGTH: L
1.200 / 30.48
MATING LENGTH: M
1.000 / 25.40
GOLD POINT: G
.200 / 5.08
PC TAIL LENGTH: P
.110 / 2.79
TIN: T
.200 / 5.08
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0043
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-2801
20
42375-2819
03
42375-2802
21
42375-2820
04
42375-2803
22
42375-2821
05
42375-2804
23
42375-2822
06
42375-2805
24
42375-2823
07
42375-2806
25
42375-2824
08
42375-2807
26
42375-2825
09
42375-2808
27
42375-2826
10
42375-2809
28
42375-2827
11
42375-2810
29
42375-2828
12
42375-2811
30
42375-2829
13
42375-2812
31
42375-2830
14
42375-2813
32
42375-2831
15
42375-2814
33
42375-2832
16
42375-2815
34
42375-2833
17
42375-2816
35
42375-2834
18
42375-2817
36
42375-2835
19
42375-2818


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com