Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 19 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 19 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 22Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 23Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 17 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-2246/2275
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABA154
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
OVERALL
CKTS:
7-36
KINKS:
NO
VOIDED CKTS:
2,7
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
20
42375-2259
03
21
42375-2260
04
22
42375-2261
05
23
42375-2262
06
24
42375-2263
07
42375-2246
25
42375-2264
08
42375-2247
26
42375-2265
09
42375-2248
27
42375-2266
10
42375-2249
28
42375-2267
11
42375-2250
29
42375-2268
12
42375-2251
30
42375-2269
13
42375-2252
31
42375-2270
14
42375-2253
32
42375-2271
15
42375-2254
33
42375-2272
16
42375-2255
34
42375-2273
17
42375-2256
35
42375-2274
18
42375-2257
36
42375-2275
19
42375-2258
ENG. NO: 42375-1922/1956
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AEA154
PIN LENGTH: L
.470 / 11.94
MATING LENGTH: M
.190 / 4.83
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.190 / 4.83
TIN: T
.200 / 5.08
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
42375-1922
20
42375-1940
03
42375-1923
21
42375-1941
04
42375-1924
22
42375-1942
05
42375-1925
23
42375-1943
06
42375-1926
24
42375-1944
07
42375-1927
25
42375-1945
08
42375-1928
26
42375-1946
09
42375-1929
27
42375-1947
10
42375-1930
28
42375-1948
11
42375-1931
29
42375-1949
12
42375-1932
30
42375-1950
13
42375-1933
31
42375-1951
14
42375-1934
32
42375-1952
15
42375-1935
33
42375-1953
16
42375-1936
34
42375-1954
17
42375-1937
35
42375-1955
18
42375-1938
36
42375-1956
19
42375-1939


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com