Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 17 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 17 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 20Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 21Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 15 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: 42375-1349/1382
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABA154
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.230 / 5.84
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
OVERALL
CKTS:
3-36
KINKS:
SMES-42003
VOIDED CKTS:
2
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
20
42375-1366
03
42375-1349
21
42375-1367
04
42375-1350
22
42375-1368
05
42375-1351
23
42375-1369
06
42375-1352
24
42375-1370
07
42375-1353
25
42375-1371
08
42375-1354
26
42375-1372
09
42375-1355
27
42375-1373
10
42375-1356
28
42375-1374
11
42375-1357
29
42375-1375
12
42375-1358
30
42375-1376
13
42375-1359
31
42375-1377
14
42375-1360
32
42375-1378
15
42375-1361
33
42375-1379
16
42375-1362
34
42375-1380
17
42375-1363
35
42375-1381
18
42375-1364
36
42375-1382
19
42375-1365
ENG. NO: 42375-1515/1548
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABB208
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.230 / 5.84
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.100 / 2.54
CKTS:
3-36
KINKS:
SMES-42003
VOIDED CKTS:
2
PACKAGING:
BULK
PK-40873-0041
CKTS
ITEM
NUMBER
CKTS
ITEM
NUMBER
02
20
42375-1532
03
42375-1515
21
42375-1533
04
42375-1516
22
42375-1534
05
42375-1517
23
42375-1535
06
42375-1518
24
42375-1536
07
42375-1519
25
42375-1537
08
42375-1520
26
42375-1538
09
42375-1521
27
42375-1539
10
42375-1522
28
42375-1540
11
42375-1523
29
42375-1541
12
42375-1524
30
42375-1542
13
42375-1525
31
42375-1543
14
42375-1526
32
42375-1544
15
42375-1527
33
42375-1545
16
42375-1528
34
42375-1546
17
42375-1529
35
42375-1547
18
42375-1530
36
42375-1548
19
42375-1531


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com