Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 15 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 15 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 19Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 13 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0871/0904
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ATA154
PIN LENGTH: L
.530 / 13.46
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
OVERALL
CKTS:
3-36
KINKS:
NO
VOIDED CKTS:
2
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
22-30-3204 A-42375-0888
03
22-30-3034 A-42375-0871
21
22-30-3214 A-42375-0889
04
22-30-3044 A-42375-0872
22
22-30-3224 A-42375-0890
05
22-30-3054 A-42375-0873
23
22-30-3234 A-42375-0891
06
22-30-3064 A-42375-0874
24
22-30-3244 A-42375-0892
07
22-30-3074 A-42375-0875
25
22-30-3254 A-42375-0893
08
22-30-3084 A-42375-0876
26
22-30-3264 A-42375-0894
09
22-30-3094 A-42375-0877
27
22-30-3274 A-42375-0895
10
22-30-3104 A-42375-0878
28
22-30-3284 A-42375-0896
11
22-30-3114 A-42375-0879
29
22-30-3294 A-42375-0897
12
22-30-3124 A-42375-0880
30
22-30-3304 A-42375-0898
13
22-30-3134 A-42375-0881
31
22-30-3314 A-42375-0899
14
22-30-3144 A-42375-0882
32
22-30-3324 A-42375-0900
15
22-30-3154 A-42375-0883
33
22-30-3334 A-42375-0901
16
22-30-3164 A-42375-0884
34
22-30-3344 A-42375-0902
17
22-30-3174 A-42375-0885
35
22-30-3354 A-42375-0903
18
22-30-3184 A-42375-0886
36
22-30-3364 A-42375-0904
19
22-30-3194 A-42375-0887
ENG. NO: A-42375-0973/1001
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABA154
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
OVERALL
CKTS:
8-36
KINKS:
NO
VOIDED CKTS:
3,8
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
42375-0985 A-42375-0985
03
21
42375-0986 A-42375-0986
04
22
42375-0987 A-42375-0987
05
23
42375-0988 A-42375-0988
06
24
42375-0989 A-42375-0989
07
25
42375-0990 A-42375-0990
08
42375-0973 A-42375-0973
26
42375-0991 A-42375-0991
09
42375-0974 A-42375-0974
27
42375-0992 A-42375-0992
10
22-30-3107 A-42375-0975
28
42375-0993 A-42375-0993
11
42375-0976 A-42375-0976
29
42375-0994 A-42375-0994
12
42375-0977 A-42375-0977
30
42375-0995 A-42375-0995
13
42375-0978 A-42375-0978
31
42375-0996 A-42375-0996
14
42375-0979 A-42375-0979
32
42375-0997 A-42375-0997
15
42375-0980 A-42375-0980
33
42375-0998 A-42375-0998
16
42375-0981 A-42375-0981
34
42375-0999 A-42375-0999
17
42375-0982 A-42375-0982
35
42375-1000 A-42375-1000
18
42375-0983 A-42375-0983
36
42375-1001 A-42375-1001
19
42375-0984 A-42375-0984


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com