Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 14 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 14 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 18Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 12 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0836/0870
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BSA154
PIN LENGTH: L
.630 / 16.00
MATING LENGTH: M
.405/10.29
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
YES
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
A-42375-0836
20
22-30-3203 A-42375-0854
03
22-30-3033 A-42375-0837
21
22-30-3213 A-42375-0855
04
22-30-3043 A-42375-0838
22
22-30-3223 A-42375-0856
05
22-30-3053 A-42375-0839
23
22-30-3233 A-42375-0857
06
22-30-3063 A-42375-0840
24
22-30-3243 A-42375-0858
07
22-30-3073 A-42375-0841
25
22-30-3253 A-42375-0859
08
22-30-3083 A-42375-0842
26
22-30-3263 A-42375-0860
09
22-30-3093 A-42375-0843
27
22-30-3273 A-42375-0861
10
22-30-3103 A-42375-0844
28
22-30-3283 A-42375-0862
11
22-30-3113 A-42375-0845
29
22-30-3293 A-42375-0863
12
22-30-3123 A-42375-0846
30
22-30-3303 A-42375-0864
13
22-30-3133 A-42375-0847
31
22-30-3313 A-42375-0865
14
22-30-3143 A-42375-0848
32
22-30-3323 A-42375-0866
15
22-30-3153 A-42375-0849
33
22-30-3333 A-42375-0867
16
22-30-3163 A-42375-0850
34
22-30-3343 A-42375-0868
17
22-30-3173 A-42375-0851
35
22-30-3353 A-42375-0869
18
22-30-3183 A-42375-0852
36
22-30-3363 A-42375-0870
19
22-30-3193 A-42375-0853


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com