Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 13 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 13 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 17Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 11 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0667/0699
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABB208
PIN LENGTH: L
.455 / 11.56
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.125 / 3.18
TIN: T
.100 / 2.54
CKTS:
4-36
KINKS:
NO
VOIDED CKTS:
4
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
42375-0683 A-42375-0683
03
21
42375-0684 A-42375-0684
04
42375-0667 A-42375-0667
22
42375-0685 A-42375-0685
05
42375-0668 A-42375-0668
23
42375-0686 A-42375-0686
06
22-30-3060 A-42375-0669
24
42375-0687 A-42375-0687
07
42375-0670 A-42375-0670
25
42375-0688 A-42375-0688
08
42375-0671 A-42375-0671
26
42375-0689 A-42375-0689
09
42375-0672 A-42375-0672
27
42375-0690 A-42375-0690
10
42375-0673 A-42375-0673
28
42375-0691 A-42375-0691
11
42375-0674 A-42375-0674
29
42375-0692 A-42375-0692
12
22-30-3120 A-42375-0675
30
42375-0693 A-42375-0693
13
42375-0676 A-42375-0676
31
42375-0694 A-42375-0694
14
42375-0677 A-42375-0677
32
42375-0695 A-42375-0695
15
42375-0678 A-42375-0678
33
42375-0696 A-42375-0696
16
42375-0679 A-42375-0679
34
42375-0697 A-42375-0697
17
42375-0680 A-42375-0680
35
42375-0698 A-42375-0698
18
42375-0681 A-42375-0681
36
42375-0699 A-42375-0699
19
42375-0682 A-42375-0682
ENG. NO: A-42375-0700/0732
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ADB208
PIN LENGTH: L
.465 /11.81
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.100 / 2.54
CKTS:
4-36
KINKS:
SMES-42003
VOIDED CKTS:
4
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
42375-0716 A-42375-0716
03
21
42375-0717 A-42375-0717
04
42375-0700 A-42375-0700
22
42375-0718 A-42375-0718
05
42375-0701 A-42375-0701
23
42375-0719 A-42375-0719
06
22-30-3061 A-42375-0702
24
42375-0720 A-42375-0720
07
42375-0703 A-42375-0703
25
42375-0721 A-42375-0721
08
42375-0704 A-42375-0704
26
42375-0722 A-42375-0722
09
42375-0705 A-42375-0705
27
42375-0723 A-42375-0723
10
42375-0706 A-42375-0706
28
42375-0724 A-42375-0724
11
42375-0707 A-42375-0707
29
42375-0725 A-42375-0725
12
42375-0708 A-42375-0708
30
42375-0726 A-42375-0726
13
42375-0709 A-42375-0709
31
42375-0727 A-42375-0727
14
42375-0710 A-42375-0710
32
42375-0728 A-42375-0728
15
42375-0711 A-42375-0711
33
42375-0729 A-42375-0729
16
42375-0712 A-42375-0712
34
42375-0730 A-42375-0730
17
42375-0713 A-42375-0713
35
42375-0731 A-42375-0731
18
42375-0714 A-42375-0714
36
42375-0732 A-42375-0732
19
42375-0715 A-42375-0715


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com