Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 12 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 12 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 15Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 16Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 10 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0562/0596
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ARB208
PIN LENGTH: L
.520 / 13.21
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5025 A-42375-0562
20
22-28-5205 A-42375-0580
03
22-28-5035 A-42375-0563
21
22-28-5215 A-42375-0581
04
22-28-5045 A-42375-0564
22
22-28-5225 A-42375-0582
05
22-28-5055 A-42375-0565
23
22-28-5235 A-42375-0583
06
22-28-5065 A-42375-0566
24
22-28-5245 A-42375-0584
07
22-28-5075 A-42375-0567
25
22-28-5255 A-42375-0585
08
22-28-5085 A-42375-0568
26
22-28-5265 A-42375-0586
09
22-28-5095 A-42375-0569
27
22-28-5275 A-42375-0587
10
22-28-5105 A-42375-0570
28
22-28-5285 A-42375-0588
11
22-28-5115 A-42375-0571
29
22-28-5295 A-42375-0589
12
22-28-5125 A-42375-0572
30
22-28-5305 A-42375-0590
13
22-28-5135 A-42375-0573
31
22-28-5315 A-42375-0591
14
22-28-5145 A-42375-0574
32
22-28-5325 A-42375-0592
15
22-28-5155 A-42375-0575
33
22-28-5335 A-42375-0593
16
22-28-5165 A-42375-0576
34
22-28-5345 A-42375-0594
17
22-28-5175 A-42375-0577
35
22-28-5355 A-42375-0595
18
22-28-5185 A-42375-0578
36
22-28-5365 A-42375-0596
19
22-28-5195 A-42375-0579
ENG. NO: A-42375-0597/0631
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ARB228
PIN LENGTH: L
.520 / 13.21
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
SM ES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5028 A-42375-0597
20
22-28-5208 A-42375-0615
03
22-28-5038 A-42375-0598
21
22-28-5218 A-42375-0616
04
22-28-5048 A-42375-0599
22
22-28-5228 A-42375-0617
05
22-28-5058 A-42375-0600
23
22-28-5238 A-42375-0618
06
22-28-5068 A-42375-0601
24
22-28-5248 A-42375-0619
07
22-28-5078 A-42375-0602
25
22-28-5258 A-42375-0620
08
22-28-5088 A-42375-0603
26
22-28-5268 A-42375-0621
09
22-28-5098 A-42375-0604
27
22-28-5278 A-42375-0622
10
22-28-5108 A-42375-0605
28
22-28-5288 A-42375-0623
11
22-28-5118 A-42375-0606
29
22-28-5298 A-42375-0624
12
22-28-5128 A-42375-0607
30
22-28-5308 A-42375-0625
13
22-28-5138 A-42375-0608
31
22-28-5318 A-42375-0626
14
22-28-5148 A-42375-0609
32
22-28-5328 A-42375-0627
15
22-28-5158 A-42375-0610
33
22-28-5338 A-42375-0628
16
22-28-5168 A-42375-0611
34
22-28-5348 A-42375-0629
17
22-28-5178 A-42375-0612
35
22-28-5358 A-42375-0630
18
22-28-5188 A-42375-0613
36
22-28-5368 A-42375-0631
19
22-28-5198 A-42375-0614


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com