Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 6Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 7Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0422/0456
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AYA154
PIN LENGTH: L
.545 / 13.84
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5021 A-42375-0422
20
22-28-5201 A-42375-0440
03
22-28-5031 A-42375-0423
21
22-28-5211 A-42375-0441
04
22-28-5041 A-42375-0424
22
22-28-5221 A-42375-0442
05
22-28-5051 A-42375-0425
23
22-28-5231 A-42375-0443
06
22-28-5061 A-42375-0426
24
22-28-5241 A-42375-0444
07
22-28-5071 A-42375-0427
25
22-28-5251 A-42375-0445
08
22-28-5081 A-42375-0428
26
22-28-5261 A-42375-0446
09
22-28-5091 A-42375-0429
27
22-28-5271 A-42375-0447
10
22-28-5101 A-42375-0430
28
22-28-5281 A-42375-0448
11
22-28-5111 A-42375-0431
29
22-28-5291 A-42375-0449
12
22-28-5121 A-42375-0432
30
22-28-5301 A-42375-0450
13
22-28-5131 A-42375-0433
31
22-28-5311 A-42375-0451
14
22-28-5141 A-42375-0434
32
22-28-5321 A-42375-0452
15
22-28-5151 A-42375-0435
33
22-28-5331 A-42375-0453
16
22-28-5161 A-42375-0436
34
22-28-5341 A-42375-0454
17
22-28-5171 A-42375-0437
35
22-28-5351 A-42375-0455
18
22-28-5181 A-42375-0438
36
22-28-5361 A-42375-0456
19
22-28-5191 A-42375-0439
ENG. NO: A-42375-0457/0491
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AYB208
PIN LENGTH: L
.545 / 13.84
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5024 A-42375-0457
20
22-28-5204 A-42375-0475
03
22-28-5034 A-42375-0458
21
22-28-5214 A-42375-0476
04
22-28-5044 A-42375-0459
22
22-28-5224 A-42375-0477
05
22-28-5054 A-42375-0460
23
22-28-5234 A-42375-0478
06
22-28-5064 A-42375-0461
24
22-28-5244 A-42375-0479
07
22-28-5074 A-42375-0462
25
22-28-5254 A-42375-0480
08
22-28-5084 A-42375-0463
26
22-28-5264 A-42375-0481
09
22-28-5094 A-42375-0464
27
22-28-5274 A-42375-0482
10
22-28-5104 A-42375-0465
28
22-28-5284 A-42375-0483
11
22-28-5114 A-42375-0466
29
22-28-5294 A-42375-0484
12
22-28-5124 A-42375-0467
30
22-28-5304 A-42375-0485
13
22-28-5134 A-42375-0468
31
22-28-5314 A-42375-0486
14
22-28-5144 A-42375-0469
32
22-28-5324 A-42375-0487
15
22-28-5154 A-42375-0470
33
22-28-5334 A-42375-0488
16
22-28-5164 A-42375-0471
34
22-28-5344 A-42375-0489
17
22-28-5174 A-42375-0472
35
22-28-5354 A-42375-0490
18
22-28-5184 A-42375-0473
36
22-28-5364 A-42375-0491
19
22-28-5194 A-42375-0474


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com