Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 5Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 6Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 7Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 13Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0352/0386
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ADB208
PIN LENGTH: L
.465 / 11.81
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.100 / 2.54
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5023 A-42375-0352
20
22-28-5203 A-42375-0370
03
22-28-5033 A-42375-0353
21
22-28-5213 A-42375-0371
04
22-28-5043 A-42375-0354
22
22-28-5223 A-42375-0372
05
22-28-5053 A-42375-0355
23
22-28-5233 A-42375-0373
06
22-28-5063 A-42375-0356
24
22-28-5243 A-42375-0374
07
22-28-5073 A-42375-0357
25
22-28-5253 A-42375-0375
08
22-28-5083 A-42375-0358
26
22-28-5263 A-42375-0376
09
22-28-5093 A-42375-0359
27
22-28-5273 A-42375-0377
10
22-28-5103 A-42375-0360
28
22-28-5283 A-42375-0378
11
22-28-5113 A-42375-0361
29
22-28-5293 A-42375-0379
12
22-28-5123 A-42375-0362
30
22-28-5303 A-42375-0380
13
22-28-5133 A-42375-0363
31
22-28-5313 A-42375-0381
14
22-28-5143 A-42375-0364
32
22-28-5323 A-42375-0382
15
22-28-5153 A-42375-0365
33
22-28-5333 A-42375-0383
16
22-28-5163 A-42375-0366
34
22-28-5343 A-42375-0384
17
22-28-5173 A-42375-0367
35
22-28-5353 A-42375-0385
18
22-28-5183 A-42375-0368
36
22-28-5363 A-42375-0386
19
22-28-5193 A-42375-0369
ENG. NO: A-42375-0387/0421
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ADB228
PIN LENGTH: L
.465 / 11.81
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
.100 / 2.54
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.100 / 2.54
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5026 A-42375-0387
20
22-28-5206 A-42375-0405
03
22-28-5036 A-42375-0388
21
22-28-5216 A-42375-0406
04
22-28-5046 A-42375-0389
22
22-28-5226 A-42375-0407
05
22-28-5056 A-42375-0390
23
22-28-5236 A-42375-0408
06
22-28-5066 A-42375-0391
24
22-28-5246 A-42375-0409
07
22-28-5076 A-42375-0392
25
22-28-5256 A-42375-0410
08
22-28-5086 A-42375-0393
26
22-28-5266 A-42375-0411
09
22-28-5096 A-42375-0394
27
22-28-5276 A-42375-0412
10
22-28-5106 A-42375-0395
28
22-28-5286 A-42375-0413
11
22-28-5116 A-42375-0396
29
22-28-5296 A-42375-0414
12
22-28-5126 A-42375-0397
30
22-28-5306 A-42375-0415
13
22-28-5136 A-42375-0398
31
22-28-5316 A-42375-0416
14
22-28-5146 A-42375-0399
32
22-28-5326 A-42375-0417
15
22-28-5156 A-42375-0400
33
22-28-5336 A-42375-0418
16
22-28-5166 A-42375-0401
34
22-28-5346 A-42375-0419
17
22-28-5176 A-42375-0402
35
22-28-5356 A-42375-0420
18
22-28-5186 A-42375-0403
36
22-28-5366 A-42375-0421
19
22-28-5196 A-42375-0404


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com