Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 4Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 5Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 6Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 7Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0282/0316
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AMB228
PIN LENGTH: L
.505 / 12.83
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4028 A-42375-0282
20
22-28-4208 A-42375-0300
03
22-28-4038 A-42375-0283
21
22-28-4218 A-42375-0301
04
22-28-4048 A-42375-0284
22
22-28-4228 A-42375-0302
05
22-28-4058 A-42375-0285
23
22-28-4238 A-42375-0303
06
22-28-4068 A-42375-0286
24
22-28-4248 A-42375-0304
07
22-28-4078 A-42375-0287
25
22-28-4258 A-42375-0305
08
22-28-4088 A-42375-0288
26
22-28-4268 A-42375-0306
09
22-28-4098 A-42375-0289
27
22-28-4278 A-42375-0307
10
22-28-4108 A-42375-0290
28
22-28-4288 A-42375-0308
11
22-28-4118 A-42375-0291
29
22-28-4298 A-42375-0309
12
22-28-4128 A-42375-0192
30
22-28-4308 A-42375-0310
13
22-28-4138 A-42375-0293
31
22-28-4318 A-42375-0311
14
22-28-4148 A-42375-0294
32
22-28-4328 A-42375-0312
15
22-28-4158 A-42375-0295
33
22-28-4338 A-42375-0313
16
22-28-4168 A-42375-0296
34
22-28-4348 A-42375-0314
17
22-28-4178 A-42375-0297
35
22-28-4358 A-42375-0315
18
22-28-4188 A-42375-0298
36
22-28-4368 A-42375-0316
19
22-28-4198 A-42375-0299
ENG. NO: A-42375-0317/0351
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ADA154
PIN LENGTH: L
.465 / 11.81
MATING LENGTH: M
.240 / 6.09
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5020 A-42375-0317
20
22-28-5200 A-42375-0335
03
22-28-5030 A-42375-0318
21
22-28-5210 A-42375-0336
04
22-28-5040 A-42375-0319
22
22-28-5220 A-42375-0337
05
22-28-5050 A-42375-0320
23
22-28-5230 A-42375-0338
06
22-28-5060 A-42375-0321
24
22-28-5240 A-42375-0339
07
22-28-5070 A-42375-0322
25
22-28-5250 A-42375-0340
08
22-28-5080 A-42375-0323
26
22-28-5260 A-42375-0341
09
22-28-5090 A-42375-0324
27
22-28-5270 A-42375-0342
10
22-28-5100 A-42375-0325
28
22-28-5280 A-42375-0343
11
22-28-5110 A-42375-0326
29
22-28-5290 A-42375-0344
12
22-28-5120 A-42375-0327
30
22-28-5300 A-42375-0345
13
22-28-5130 A-42375-0328
31
22-28-5310 A-42375-0346
14
22-28-5140 A-42375-0329
32
22-28-5320 A-42375-0347
15
22-28-5150 A-42375-0330
33
22-28-5330 A-42375-0348
16
22-28-5160 A-42375-0331
34
22-28-5340 A-42375-0349
17
22-28-5170 A-42375-0332
35
22-28-5350 A-42375-0350
18
22-28-5180 A-42375-0333
36
22-28-5360 A-42375-0351
19
22-28-5190 A-42375-0334


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com