Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022285362 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0022285362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022285362 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0022285362 Datasheet HTML 3Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 4Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 5Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 6Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 7Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 8Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 9Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 10Page - Molex Electronics Ltd. 0022285362 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0212/0246
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AMA154
PIN LENGTH: L
.505 / 12.83
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4022 A-42375-0212
20
22-28-4202 A-42375-0230
03
22-28-4032 A-42375-0213
21
22-28-4212 A-42375-0231
04
22-28-4042 A-42375-0214
22
22-28-4222 A-42375-0232
05
22-28-4052 A-42375-0215
23
22-28-4232 A-42375-0233
06
22-28-4062 A-42375-0216
24
22-28-4242 A-42375-0234
07
22-28-4072 A-42375-0217
25
22-28-4252 A-42375-0235
08
22-28-4082 A-42375-0218
26
22-28-4262 A-42375-0236
09
22-28-4092 A-42375-0219
27
22-28-4272 A-42375-0237
10
22-28-4102 A-42375-0220
28
22-28-4282 A-42375-0238
11
22-28-4112 A-42375-0221
29
22-28-4292 A-42375-0239
12
22-28-4122 A-42375-0222
30
22-28-4302 A-42375-0240
13
22-28-4132 A-42375-0223
31
22-28-4312 A-42375-0241
14
22-28-4142 A-42375-0224
32
22-28-4322 A-42375-0242
15
22-28-4152 A-42375-0225
33
22-28-4332 A-42375-0243
16
22-28-4162 A-42375-0226
34
22-28-4342 A-42375-0244
17
22-28-4172 A-42375-0227
35
22-28-4352 A-42375-0245
18
22-28-4182 A-42375-0228
36
22-28-4362 A-42375-0246
19
22-28-4192 A-42375-0229
ENG. NO: A-42375-0247/0281
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AMB208
PIN LENGTH: L
.505 / 12.83
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4025
A-42375-0247
20
22-28-4205 A-42375-0265
03
22-28-4035
A-42375-0248
21
22-28-4215 A-42375-0266
04
22-28-4045
A-42375-0249
22
22-28-4225 A-42375-0267
05
22-28-4055
A-42375-0250
23
22-28-4235 A-42375-0268
06
22-28-4065
A-42375-0251
24
22-28-4245 A-42375-0269
07
22-28-4075
A-42375-0252
25
22-28-4255 A-42375-0270
08
22-28-4085
A-42375-0253
26
22-28-4265 A-42375-0271
09
22-28-4095
A-42375-0254
27
22-28-4275 A-42375-0272
10
22-28-4105
A-42375-0255
28
22-28-4285 A-42375-0273
11
22-28-4115
A-42375-0256
29
22-28-4295 A-42375-0274
12
22-28-4125
A-42375-0257
30
22-28-4305 A-42375-0275
13
22-28-4135
A-42375-0258
31
22-28-4315 A-42375-0276
14
22-28-4145
A-42375-0259
32
22-28-4325 A-42375-0277
15
22-28-4155
A-42375-0260
33
22-28-4335 A-42375-0278
16
22-28-4165
A-42375-0261
34
22-28-4345 A-42375-0279
17
22-28-4175
A-42375-0262
35
22-28-4355 A-42375-0280
18
22-28-4185
A-42375-0263
36
22-28-4365 A-42375-0281
19
22-28-4195
A-42375-0264


Similar Part No. - 0022285362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022285360 MOLEX2-0022285360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
0022285361 MOLEX3-0022285361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
0022285363 MOLEX3-0022285363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
0022285364 MOLEX3-0022285364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
0022285365 MOLEX3-0022285365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com