Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZ4 Datasheet(PDF) 2 Page - Rohm

Part # IMZ4
Description  General purpose transistor (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMZ4 Datasheet(HTML) 2 Page - Rohm

  IMZ4 Datasheet HTML 1Page - Rohm IMZ4 Datasheet HTML 2Page - Rohm IMZ4 Datasheet HTML 3Page - Rohm IMZ4 Datasheet HTML 4Page - Rohm IMZ4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IMZ4
Transistors
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
Tr1 (NPN)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
40
32
5
120
250
6.5
1.0
1.0
560
0.6
V
IC=100
µA
IC
=1mA
IE
=100
µA
VCB
=20V
VEB
=4V
VCE
=3V, IC=100mA
VCE
=5V, IE=
−20mA, f=100MHz
IC/IB
=500mA/50mA
VCB
=10V, IE=0A, f=1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Measured using pulse current.
Tr2 (PNP)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−40
−32
−5
120
200
7
−1.0
−1.0
560
−0.6
V
IC=
−100µA
IC
=
−1mA
IE
=
−100µA
VCB
=
−20V
VEB
=
−4V
VCE
=
−3V, IC= −100mA
VCE
=
−5V, IE= 20mA, f= 100MHz
IC/IB
=
−300mA/−30mA
VCB
=
−10V, IE= 0A, f= 1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Measured using pulse current.
Packaging specifications
Package
Code
TR
T108
3000
3000
Taping
Basic ordering
unit (pieces)
UMZ1N
T2R
8000
EMZ1
IMZ1A
Type


Similar Part No. - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
IMZ4 ROHM-IMZ4 Datasheet
153Kb / 4P
General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
General purpose transistor (dual transistors)
More results

Similar Description - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com