Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481161 Datasheet(PDF) 14 Page - Molex Electronics Ltd.

Part # 0026481161
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481161 Datasheet(HTML) 14 Page - Molex Electronics Ltd.

Back Button 0026481161 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 9Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 10Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 11Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 12Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 13Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 14Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 15Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 12 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
43294-0236
PIN NUMBER
43294-0614
PIN NUMBER
2161-5(102)
PIN NUMBER
2161-64(102)
PIN LENGTH
19.05 / .750
PIN LENGTH
29.21 / 1.150
PIN LENGTH
34.93 / 1.375
PIN LENGTH
29.85 / 1.175
PLATING
208
PLATING
208
PLATING
102
PLATING
102
MATING “M”
12.93 / .509
MATING “M”
21.21 / .835
MATING “M”
27.31 / 1.075
MATING “M”
24.38 / .960
PCB “P”
2.87 / .113
PCB “P”
4.75 / .187
PCB “P”
4.37 / .172
PCB “P”
2.21 / .087
GOLD “G”
6.86 / .270
GOLD “G”
6.86 / .270
GOLD “G”
N/A
GOLD “G”
N/A
TIN “T”
4.06 / .160
TIN “T”
5.08 / .200
TIN
“T”
OVERALL
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-BNB208-*
A-41661-BND208-*
A-41661-ANCM102-*
A-41661-ANCN102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
-B02B208
-B02D208
-B03B208
-B03D208
-B04B208
41661-0566
-B04D208
-B05B208
-B05D208
-B06B208
-B06D208
-B07B208
-B07D208
-B08B208
-B08D208
-B09B208
-B09D208
41661-0549
-B10B208
-B10D208
41661-0621
-A10CN102
-B11B208
-B11D208
41661-0551
-B12B208
-B12D208
41661-0600
-A12CM102
-B13B208
-B13D208
-B14B208
-B14D208
-B15B208
-B15D208
-B16B208
-B16D208
-B17B208
-B17D208
-B18B208
-B18D208
-B19B208
-B19D208
-B20B208
-B20D208
-B21B208
-B21D208
-B22B208
-B22D208
-B23B208
-B23D208
-B24B208
-B24D208


Similar Part No. - 0026481161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481162 MOLEX3-0026481162 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 16 Circuits, Tin (Sn) Plating
0026481163 MOLEX3-0026481163 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 16 Circuits, Tin (Sn) Plating
0026481165 MOLEX3-0026481165 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 16 Circuits
0026481166 MOLEX3-0026481166 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 16 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com