Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481161 Datasheet(PDF) 12 Page - Molex Electronics Ltd.

Part # 0026481161
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 16 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481161 Datasheet(HTML) 12 Page - Molex Electronics Ltd.

Back Button 0026481161 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 9Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 10Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 11Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 12Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 13Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 14Page - Molex Electronics Ltd. 0026481161 Datasheet HTML 15Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 10 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
43294-0362
PIN NUMBER
43294-0363
PIN NUMBER
43294-0587
PIN NUMBER
43294-0317
PIN LENGTH
22.61/.890
PIN LENGTH
22.61/.890
PIN LENGTH
28.45/1.120
PIN LENGTH
21.34/.840
PLATING
208
PLATING
228
PLATING
208
PLATING
208
MATING “M”
15.09/.594
MATING “M”
15.09/.594
MATING “M”
22.15/.872
MATING “M”
13.97/.550
PCB “P”
4.27/.168
PCB “P”
4.27/.168
PCB “P”
3.05/.120
PCB “P”
4.11/.162
GOLD “G”
10.51/.415
GOLD “G”
10.51/.415
GOLD “G”
6.86/.270
GOLD “G”
8.89/.350
TIN “T”
4.06/.160
TIN “T”
4.06/.160
TIN
“T”
5.08/ .200
TIN
“T”
5.08/.200
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-BNCA208-*
A-41661-BNCA228-*
A-41661-BNCD208-*
A-41661-BNCE208-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
41661-0047
-B2CA208
41661-0070
-B2CA228
41661-0403
-B2CD208
41661-0426
-B2CE208
41661-0048
-B3CA208
41661-0071
-B3CA228
41661-0404
-B3CD208
41661-0427
-B3CE208
41661-0049
-B4CA208
41661-0072
-B4CA228
41661-0405
-B4CD208
41661-0428
-B4CE208
41661-0050
-B5CA208
41661-0073
-B5CA228
41661-0406
-B5CD208
41661-0429
-B5CE208
41661-0051
-B6CA208
41661-0074
-B6CA228
41661-0407
-B6CD208
41661-0430
-B6CE208
41661-0052
-B7CA208
41661-0075
-B7CA228
41661-0408
-B7CD208
41661-0431
-B7CE208
41661-0053
-B8CA208
41661-0076
-B8CA228
41661-0409
-B8CD208
41661-0432
-B8CE208
41661-0054
-B9CA208
41661-0077
-B9CA228
41661-0410
-B9CD208
41661-0433
-B9CE208
41661-0055
-B10CA208
41661-0078
-B10CA228
41661-0411
-B10CD208
41661-0434
-B10CE208
41661-0056
-B11CA208
41661-0079
-B11CA228
41661-0412
-B11CD208
41661-0435
-B11CE208
41661-0057
-B12CA208
41661-0080
-B12CA228
41661-0413
-B12CD208
41661-0436
-B12CE208
41661-0058
-B13CA208
41661-0081
-B13CA228
41661-0414
-B13CD208
41661-0437
-B13CE208
41661-0059
-B14CA208
41661-0082
-B14CA228
41661-0415
-B14CD208
41661-0438
-B14CE208
41661-0060
-B15CA208
41661-0083
-B15CA228
41661-0416
-B15CD208
41661-0439
-B15CE208
41661-0061
-B16CA208
41661-0084
-B16CA228
41661-0417
-B16CD208
41661-0440
-B16CE208
41661-0062
-B17CA208
41661-0085
-B17CA228
41661-0418
-B17CD208
41661-0441
-B17CE208
41661-0063
-B18CA208
41661-0086
-B18CA228
41661-0419
-B18CD208
41661-0442
-B18CE208
41661-0064
-B19CA208
41661-0087
-B19CA228
41661-0420
-B19CD208
41661-0443
-B19CE208
41661-0065
-B20CA208
41661-0088
-B20CA228
41661-0421
-B20CD208
41661-0444
-B20CE208
41661-0066
-B21CA208
41661-0089
-B21CA228
41661-0422
-B21CD208
41661-0445
-B21CE208
41661-0067
-B22CA208
41661-0090
-B22CA228
41661-0423
-B22CD208
41661-0446
-B22CE208
41661-0068
-B23CA208
41661-0091
-B23CA228
41661-0424
-B23CD208
41661-0447
-B23CE208
41661-0069
-B24CA208
41661-0092
-B24CA228
41661-0425
-B24CD208
41661-0448
-B24CE208


Similar Part No. - 0026481161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481162 MOLEX3-0026481162 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 16 Circuits, Tin (Sn) Plating
0026481163 MOLEX3-0026481163 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 16 Circuits, Tin (Sn) Plating
0026481165 MOLEX3-0026481165 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 16 Circuits
0026481166 MOLEX3-0026481166 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 16 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com