Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9480F Datasheet(PDF) 1 Page - Rohm

Part # BU9480F
Description  16-bit stereo D / A converter for audio applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9480F Datasheet(HTML) 1 Page - Rohm

  BU9480F Datasheet HTML 1Page - Rohm BU9480F Datasheet HTML 2Page - Rohm BU9480F Datasheet HTML 3Page - Rohm BU9480F Datasheet HTML 4Page - Rohm BU9480F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Multimedia ICs
16-bit stereo D / A converter
for audio applications
BU9480F
The BU9480F is a 16-bit stereo D / A converter designed for audio applications, and has an internal 2
× oversam-
pling circuit.
Applications
16-bit stereo D / A converter for audio applications
Features
1) 3.0 to 5.5V operating voltage.
2) Low current consumption because of the CMOS
process.
3) Resistor strings method used.
4) 2-channel common phase output.
5) Internal 2
× oversampling interpolator.
6) 8 - pin plastic package.
7) Supports 4fs. (200kHz operation)
Block diagram
LRCLK
BCLK
SDATA
OUTL
REF
OUTR
GND
VCC
1
2
3
4
5
6
7
8
SHIFT REGISTER / LATCH
X2 OVER
SAMPLING
DAC
X2 OVER
SAMPLING
DAC
Pin descriptions
Pin name
Function
I / O
Voltage
1ROUT
1 / 2VCC
1 / 2VCC
1 / 2VCC
Right channel analog signal output
2
REF
3
GND
4LOUT
Left channel analog signal output
5
LRCK
6
7
SDAT
BCLK
VCC
8
Serial data shift clock input
Vcc
Connects the DA ref. voltage pin and ground
Ground
Pin No.
Low-impedance output
High-impedance input
Low-impedance output
Logic input
Logic input
Logic input
The signal that distinguishes between left and
right channels for serial data (left channe =
high level, right channel = low level).
Serial data input
Input with 2' compliment, MSB first.


Similar Part No. - BU9480F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2-E2 ROHM-BU9408KS2-E2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9409FV ROHM-BU9409FV Datasheet
1Mb / 58P
   32bit Audio DSP
More results

Similar Description - BU9480F

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V737 HOLTEK-HT82V737 Datasheet
97Kb / 8P
   16-Bit Stereo Audio D/A Converter with Earphone Driver
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com