Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481141 Datasheet(PDF) 13 Page - Molex Electronics Ltd.

Part # 0026481141
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 14 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481141 Datasheet(HTML) 13 Page - Molex Electronics Ltd.

Back Button 0026481141 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 9Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 10Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 11Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 12Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 13Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 14Page - Molex Electronics Ltd. 0026481141 Datasheet HTML 15Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 11 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-4(102)
PIN NUMBER
2161-35(102)
PIN NUMBER
2161-3(102)
PIN NUMBER
2161-19(102)
PIN LENGTH
12.70 / .500
PIN LENGTH
17.45 / .687
PIN LENGTH
23.80 / .937
PIN LENGTH
26.21 / 1.032
PLATING
102
PLATING
102
PLATING
102
PLATING
102
MATING “M”
5.89 / .232
MATING “M”
9.63 / .379
MATING “M”
17.02 / .670
MATING “M”
11.48 / .452
PCB “P”
3.56 / .140
PCB “P”
4.57 / .180
PCB “P”
3.53 / .139
PCB “P”
11.48 / .452
GOLD “G”
NA
GOLD “G”
NA
GOLD “G”
NA
GOLD “G”
N/A
TIN “T”
OVERALL
TIN “T”
OVERALL
TIN
“T”
OVERALL
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANCF102-*
A-41661-ANCG102-*
A-41661-ANCH102-*
A-41661-ANCL102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
41661-0449
-A02CF102
41661-0472
-A02CG102
41661-0450
-A03CF102
41661-0473
-A03CG102
41661-0451
-A04CF102
41661-0474
-A04CG102
41661-0497
A04CH102
41661-0452
-A05CF102
41661-0475
-A05CG102
41661-0453
-A06CF102
41661-0476
-A06CG102
41661-0522
-A06CL102
41661-0454
-A07CF102
41661-0477
-A07CG102
41661-0455
-A08CF102
41661-0478
-A08CG102
41661-0456
-A09CF102
41661-0479
-A09CG102
41661-0525
-A09CL102
41661-0457
-A10CF102
41661-0480
-A10CG102
41661-0458
-A11CF102
41661-0481
-A11CG102
41661-0459
-A12CF102
41661-0482
-A12CG102
41661-0460
-A13CF102
41661-0483
-A13CG102
41661-0461
-A14CF102
41661-0484
-A14CG102
41661-0462
-A15CF102
41661-0485
-A15CG102
41661-0463
-A16CF102
41661-0486
-A16CG102
41661-0464
-A17CF102
41661-0487
-A17CG102
41661-0465
-A18CF102
41661-0488
-A18CG102
41661-0466
-A19CF102
41661-0489
-A19CG102
41661-0467
-A20CF102
41661-0490
-A20CG102
41661-0468
-A21CF102
41661-0491
-A21CG102
41661-0469
-A22CF102
41661-0492
-A22CG102
41661-0470
-A23CF102
41661-0493
-A23CG102
41661-0471
-A24CF102
41661-0494
-A24CG102


Similar Part No. - 0026481141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481142 MOLEX3-0026481142 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 14 Circuits, Tin (Sn) Plating
0026481143 MOLEX3-0026481143 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 14 Circuits, Tin (Sn) Plating
0026481145 MOLEX3-0026481145 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 14 Circuits
0026481146 MOLEX3-0026481146 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 14 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com