Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6297AFP Datasheet(PDF) 6 Page - Rohm

Part # BA6297AFP
Description  4-channel BTL driver for CD players
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6297AFP Datasheet(HTML) 6 Page - Rohm

  BA6297AFP Datasheet HTML 1Page - Rohm BA6297AFP Datasheet HTML 2Page - Rohm BA6297AFP Datasheet HTML 3Page - Rohm BA6297AFP Datasheet HTML 4Page - Rohm BA6297AFP Datasheet HTML 5Page - Rohm BA6297AFP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FExternal dimensions (Units: mm)
323
Optical disc ICs
BA6297AFP
FOperation notes
(1)
The BA6297AFP has an internal thermal shutdown
circuit. Output current is muted when the chip tempera-
ture exceeds 175
_C (typically).
(2)
If the mute pin (pin 15) voltage is opened or lowered
below 0.5V, the output current will be muted. Pin 2 should
be pulled up above 2.0V during normal use. During mut-
ing, the output pins remain at the internal bias voltage,
roughly (VCC
*VF)/2.
(3)
Be sure to connect the IC to a 0.1
µF bypass capaci-
tor to the power supply, at the base of the IC.
(4)
The radiating fin is connected to the packages inter-
nal GND, but should also be connected to an external
ground.
FApplication example


Similar Part No. - BA6297AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6290A ROHM-BA6290A Datasheet
121Kb / 3P
   Monolithic IGs
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA6292 ROHM-BA6292 Datasheet
121Kb / 3P
   Monolithic IGs
BA6294 ROHM-BA6294 Datasheet
121Kb / 3P
   Monolithic IGs
BA6295 ROHM-BA6295 Datasheet
75Kb / 5P
   2-channel BTL driver for CD players
More results

Similar Description - BA6297AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
   4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
   4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
   4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
   4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
   4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
   4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
   4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
   4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
   4-channel BTL driver for CD players
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
   4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com