Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5815FM Datasheet(PDF) 1 Page - Rohm

Part # BA5815FM
Description  5-channel driver for CD/DVD players
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5815FM Datasheet(HTML) 1 Page - Rohm

  BA5815FM Datasheet HTML 1Page - Rohm BA5815FM Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-channel driver for CD/DVD players
BA5815FM
Description
Dimension (Units : mm)
The BA5815FM is a power driver IC for 5-channel
CD and DVD players. Two channels incorporate
filters and can connect PWM input directly.
The additional 2 channels incorporate a standard
operational amplifier. It can reduce the external
components greatly. In the loading driver, output
voltage can be adjusted to each device.
00W098A
HSOP-M28
November, 2000
Features
1) 4-channel BTL driver and 1-channel reversible driver
2) 2 channels are PWM input direct-coupled type.
(Built-in primary filter)
3) 2 channels have standard operational amplifiers.
4) The device can be miniaturized due to the adoption of
HSOP-M28 power package.
5) Built-in thermal shut down circuit
6) Wide dynamic range(9.2V(Typ.) at Vcc=12V, RL=8
Ω)
Applications
DVD, CD players
Absolute Maximum Ratings(Ta=25˚C)
Power supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Limits
Unit
Symbol
Vcc
Pd
Topr
Tstg
13.5
2.2
+85
+150
–40
–55
~
~
W
˚C
˚C
V
Power supply voltage
Vcc
12.0
4.3
13.2
V
Recommended Operating Conditions(Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
∗Derating : 17.6 mW/˚C for operation above Ta=25˚C (70×70×1.6mm) glass epoxy board
15
28
1
0.35
±0. 1
0.8
0.3Min.
5.15
±0. 1
14
0. 15
18.5
±0.2


Similar Part No. - BA5815FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA5815FM ETC2-BA5815FM Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA5815FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
5-channel BTL driver for CD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
5-channel BTL driver for CD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
5-channel BTL driver for CD players
BA6996FP ROHM-BA6996FP Datasheet
176Kb / 11P
5-channel BTL driver for CD and MD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
Power Driver For DVD Players
logo
Sanyo Semicon Device
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com