Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5815FM Datasheet(PDF) 2 Page - Rohm

Part # BA5815FM
Description  5-channel driver for CD/DVD players
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5815FM Datasheet(HTML) 2 Page - Rohm

  BA5815FM Datasheet HTML 1Page - Rohm BA5815FM Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Circuit
<BTL driver(CH1, CH2)>
–50
7.7
–50
7.7
16.0
–6
11.5
9.2
0
9.2
18.0
0
50
10.7
50
10.7
20.0
6
mV
V
mV
V
dB
mV
V
VOOF12
VOM12
VOOF34
VOM34
GVC
VOFOP
VOH
Output offset voltage
Maximum output voltage
<BTL driver(CH3, CH4)>
Output offset voltage
Maximum output voltage
Voltage gain
<Pre–operational amplifier(CH3, CH4)>
Input offset voltage
Output high level voltage
Vf=5V, Vr=0V
BIAS=6V
Electrical characteristics
0.7
1.0
7.4
1.1
1.55
9.2
0.5
1.6
2.3
11.0
V
V
V
dB
VOL
VSATL1
VSATL2
GVH
Output low level voltage
<Loading driver>
Output saturation voltage 1
Output saturation voltage 2
Output "H" voltage gain
BIAS=6V
Upper+Lower IL=200mA
Upper+Lower IL=500mA
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
(Unless otherwise noted; Ta=25˚C, Vcc1,2=12V, BIAS=1.65V, RL=8
Ω)
+
16k
8k
+
16k
8k
LOADING LOGIC
¥3
VCC2
CH1 ~
CH4
MUTE
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
+
+
+
FWD
REV
BIAS
FOCUS IN
TRACKING IN
M
ST
M
LOADING
LOGIC
LOADING
VOLTAGE
CONTROL
SLED2
INPUT
VCC1
LOADING
STEPPING
FOCUS
TRACKLING
VCC2
MUTE
'L'=MUTE
INTER–
FACE
F
R
INTER–
FACE
F
R
+
SLED1
INPUT
FWD
REV
FWD
REV
SLED2
SLED1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC1
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
BA5815FM
* This product is not designed for protection against radioactive rays.


Similar Part No. - BA5815FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA5815FM ETC2-BA5815FM Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA5815FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5912AFP-Y ROHM-BA5912AFP-Y Datasheet
127Kb / 8P
2-channel BTL driver for CD players
BA6395AFP ROHM-BA6395AFP Datasheet
186Kb / 10P
5-channel BTL driver for CD players
BA6795FP ROHM-BA6795FP Datasheet
204Kb / 11P
5-channel BTL driver for CD players
BA6796FP ROHM-BA6796FP Datasheet
214Kb / 11P
5-channel BTL driver for CD players
BA6995FP ROHM-BA6995FP Datasheet
160Kb / 8P
5-channel BTL driver for CD players
BA6996FP ROHM-BA6996FP Datasheet
176Kb / 11P
5-channel BTL driver for CD and MD Players
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
Power Driver For DVD Players
logo
Sanyo Semicon Device
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com