Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3575FS Datasheet(PDF) 12 Page - Rohm

Part # BA3575FS
Description  Low-current audio headphone driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3575FS Datasheet(HTML) 12 Page - Rohm

Back Button BA3575FS Datasheet HTML 5Page - Rohm BA3575FS Datasheet HTML 6Page - Rohm BA3575FS Datasheet HTML 7Page - Rohm BA3575FS Datasheet HTML 8Page - Rohm BA3575FS Datasheet HTML 9Page - Rohm BA3575FS Datasheet HTML 10Page - Rohm BA3575FS Datasheet HTML 11Page - Rohm BA3575FS Datasheet HTML 12Page - Rohm BA3575FS Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
882
Audio ICs
BA3575FS
(4)
Recommended operating conditions
The curves in Fig.4 below show the maximum allowable
power output (PO (Max.) / ch) plotted against the supply volt-
age (VCC) for different values of ambient temperature
(Ta). When VCC
y 3.6 V, operate the IC in the region be-
low the dotted line, and do not exceed it.
If the maximum allowable power output for each channel
(PO (Max.) / ch) is exceeded, the internal power consump-
tion will exceed the power dissipation capacity of the
package, and destroy the IC.
FElectrical characteristics curves


Similar Part No. - BA3575FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
BA3570FS ROHM-BA3570FS Datasheet
183Kb / 10P
ALS headphone driver
BA3571 ROHM-BA3571 Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
More results

Similar Description - BA3575FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3574BFS ROHM-BA3574BFS Datasheet
187Kb / 11P
Low-current audio headphone driver
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
Headphone driver for digital audio
BA3576FS ROHM-BA3576FS Datasheet
139Kb / 8P
Low power consumption headphone driver for digital audio
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
Low power consumption headphone driver for digital audio
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Anpec Electronics Corop...
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
Stereo Digital Audio Amplifier with Headphone Driver
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com