Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0008500023 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0008500023
Description  KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Brass Tin (Sn)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0008500023 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0008500023 Datasheet HTML 1Page - Molex Electronics Ltd. 0008500023 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0008500023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500024 MOLEX11-0008500024 Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
More results

Similar Description - 0008500023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008500008 MOLEX1-0008500008 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Reel, Brass Tin (Sn)
0008520132 MOLEX1-0008520132 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Phosphor Bronze Tin (Sn)
0008650129 MOLEX1-0008650129 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Phosphor Bronze Selective Gold (Au)
0008580136 MOLEX1-0008580136 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Phosphor Bronze Selective Gold (Au)
0008030304 MOLEX1-0008030304 Datasheet
119Kb / 3P
   KK짰 Crimp Terminal 4366, 18-24 AWG, Bag Tin (Sn)
0008500108 MOLEX1-0008500108 Datasheet
161Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG, Bag, Brass, Tin (Sn)
0008500106 MOLEX1-0008500106 Datasheet
240Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Bag, Brass Tin (Sn)
0008500189 MOLEX1-0008500189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
0008520123 MOLEX1-0008520123 Datasheet
196Kb / 3P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Bag, Phosphor Bronze Tin (Sn)
0008500005 MOLEX1-0008500005 Datasheet
140Kb / 3P
   KK짰 High Pressure Crimp Terminal 7879, 22-30 AWG, Bag Tin (Sn)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com