Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13144D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13144D
Description  VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13144D Datasheet(HTML) 5 Page - Motorola, Inc

  MC13144D Datasheet HTML 1Page - Motorola, Inc MC13144D Datasheet HTML 2Page - Motorola, Inc MC13144D Datasheet HTML 3Page - Motorola, Inc MC13144D Datasheet HTML 4Page - Motorola, Inc MC13144D Datasheet HTML 5Page - Motorola, Inc MC13144D Datasheet HTML 6Page - Motorola, Inc MC13144D Datasheet HTML 7Page - Motorola, Inc MC13144D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC13144
5
MOTOROLA RF/IF DEVICE DATA
Figure 3. Typical S–Parameters VCC = 3.0 Vdc; En1 = En2 =1
Freq (MHz)
S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
100
0.91
–11
4.2
143
0.00028
24
0.80
–10
125
0.92
–14
4.2
136
0.00033
71
0.79
–10
150
0.90
–16
4.2
127
0.0006
60
0.79
–11
175
0.89
–19
4.2
118
0.0011
80
0.78
–12
200
0.89
–22
4.0
108
0.0014
35
0.78
–13
250
0.88
–26
3.8
97
0.0015
39
0.78
–14
300
0.86
–32
4.1
77
0.0022
52
0.78
–17
350
0.85
–36
3.5
59
0.0017
65
.078
–19
400
0.84
–41
3.7
50
0.0024
68
0.79
–21
450
0.83
–46
3.7
26
0.0021
63
0.79
–24
500
0.81
–50
3.2
15
0.0028
56
0.79
–26
550
0.80
–55
3.5
–3.0
0.0027
51
0.80
–29
600
0.79
–59
3.1
–22
0.0038
46
0.81
–32
650
0.77
–63
3.0
–36
0.0057
30
0.82
–35
700
0.77
–67
2.8
–52
0.0067
32
0.83
–39
750
0.77
–72
2.5
–68
0.0095
26
0.83
–43
800
0.76
–77
2.2
–77
0.014
13
0.80
–49
850
0.74
–82
2.2
–86
0.019
12
0.75
–51
900
0.71
–85
2.3
–100
0.020
38
0.73
–51
950
0.69
–88
2.3
–117
0.021
55
0.74
–51
1000
0.67
–91
2.3
–132
0.020
72
0.76
–54
1100
0.67
–98
2.2
–163
0.022
87
0.76
–59
1200
0.66
–106
2.1
168
0.026
107
0.79
–65
1300
0.79
–72
1.9
136
0.030
134
0.64
–73
1400
0.64
–121
1.9
100
0.038
150
0.80
–80
1500
0.62
–128
1.9
74
0.053
170
0.81
–87
1600
0.61
–135
1.7
40
0.068
157
0.82
–96
1700
0.59
–145
1.5
7.0
0.076
120
0.81
–105
1800
0.58
–152
1.4
–24
0.092
97
0.80
–115
1900
0.54
–125
1.2
–57
0.11
59
0.74
–125
2000
0.47
–130
1.0
–79
0.093
195
0.68
–130
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13144D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Similar Description - MC13144D

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com