Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13144D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC13144D
Description  VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13144D Datasheet(HTML) 4 Page - Motorola, Inc

  MC13144D Datasheet HTML 1Page - Motorola, Inc MC13144D Datasheet HTML 2Page - Motorola, Inc MC13144D Datasheet HTML 3Page - Motorola, Inc MC13144D Datasheet HTML 4Page - Motorola, Inc MC13144D Datasheet HTML 5Page - Motorola, Inc MC13144D Datasheet HTML 6Page - Motorola, Inc MC13144D Datasheet HTML 7Page - Motorola, Inc MC13144D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC13144
4
MOTOROLA RF/IF DEVICE DATA
APPLICATIONS INFORMATION
Evaluation PC Board
The evaluation PCB is very versatile and is intended to
be used across the entire useful frequency range of this
device. The PC board layout accommodates all SMT
components on the circuit side (see Circuit Side Component
Placement View).
Component Selection
The evaluation PC board is laid out for the 4DFA (2 pole
SMD Type) and 4DFB (3 pole SMD Type) filters which are
available for applications in Cellular and GSM, GPS (1.2 to
1.5 GHz), DECT, PHS and PCS (1.8 to 2.0 GHz) and
ISM Bands (902 to 928 MHz and 2.4 to 2.5 GHz). In the
926.5 MHz Application Circuit, a ceramic deielectric filter
is used (Toko part # 4DFA–926A10).
LNA Input/Output
The LNA input impedance is the base of a common emitter
cascode amplifier. The LNA output is the collector of the
cascode stage and it is loaded with a series resistor of 400
and a capacitor of 10 pF to provide stability.
Digitally Programmable Bias/Enable
The LNA is enabled by a 2 bit (En1 and En2)
programmable bias circuit. The internal circuit shows the
comparator circuit which programs the internal regulator. The
logic table below shows the bias and typical performance.
f = 900 mHz
ICC/Gain
En2 Low
En2 High
En1 Low
0 mA/–22 dB
1.2 mA/9.2 dB
En1 High
3.4 mA/13 dB
8.2 mA/17 dB
f = 1900 mHz
ICC/Gain
En2 Low
En2 High
En1 Low
0 mA/–22 dB
1.2 mA/7.5 dB
En1 High
3.4 mA/10 dB
8.2 mA/13 dB
Input/Output Matching
A typical application at 900 MHz yields 17 dB gain and
1.4 dB noise figure. In this circuit a series inductor of 5.6 nH
is used to match the input and a shunt inductor of 8.2 nH
which also serves as an RFC and a series capacitor of 0.9 p
is used to match the LNA output to 50
Ω load impedance.
It may be desirable to use a RF ceramic or SAW filter after
the LNA when driving a mixer to provide image frequency
rejection. The image filter is selected based on cost, size and
performance tradeoffs. Typical RF filters have 3.0 to 5.0 dB
insertion loss. Interface matching between the RF input, RF
filter and the mixer is shown in Application Circuit and the
Component Placement View.
A typical application at 1900 MHz yields 13 dB gain and
2.7 dB noise figure. In this circuit a series inductor of 5.6 nH
and a series capacitor of 1.0 pF are used to match the input
and a shut inductor of 2.0 nH and a series capacitor of 2.0 pF
are used to match the LNA output to 50
Ω load impedance.
Figure 2. MC13144D Application Circuit
(926.5 MHz)
8
RF
Input
En1
RF
Output
8.2 nH
VCC
En2
5.6 nH
47 p
100 p
100 p
100 n
76
5
12
3
4
47
39 nH
8.2 nH
Toko
Ceramic
Filter
0.4 p
VCC
1.0 M
MC13144D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13144D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Similar Description - MC13144D

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
   Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com