Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13144D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC13144D
Description  VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13144D Datasheet(HTML) 3 Page - Motorola, Inc

  MC13144D Datasheet HTML 1Page - Motorola, Inc MC13144D Datasheet HTML 2Page - Motorola, Inc MC13144D Datasheet HTML 3Page - Motorola, Inc MC13144D Datasheet HTML 4Page - Motorola, Inc MC13144D Datasheet HTML 5Page - Motorola, Inc MC13144D Datasheet HTML 6Page - Motorola, Inc MC13144D Datasheet HTML 7Page - Motorola, Inc MC13144D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC13144
3
MOTOROLA RF/IF DEVICE DATA
CIRCUIT DESCRIPTION
General
The MC13144 is a low noise amplifier with programmable
bias. This device is designated for use in the front end section
in analog and digital FM systems such as Wireless Local
Area Network (LAN), Digital European Cordless Telephone
(DECT), PHS, PCS, GPS, Cellular, UHF and 800 MHz
Special Mobile Radio (SMR), UHF Family Radio Services
and 902 to 928 MHz cordless telephones.
Current Regulation/Enable
Temperature compensating voltage independent current
regulation is digitally controlled by a 2–bit programmable
bias/enable circuit.
LNA
The LNA is a unique and patented cascode amplifier with
digitally (2–bit) programmable bias (see Internal Circuit
Schematic). Typical gain of the LNA is 17 dB for minimum
noise figure of 1.4 dB at 900 MHz.
Programmable Bias/Enable Circuit
This unique circuit allows for 3 bias levels and a standby
mode in which the LNA can be externally biased as desired.
Figure 1. MC13144 Internal Circuit*
8
–A
RF
Output
7
En1
En2
VCC
4
RF In
VEE
10 p
400
V2
V3
V1
1
2, 3
5
VEE
6
NOTE:
* The MC13144 uses a unique and patent pending circuit topology.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13144D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Similar Description - MC13144D

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
List of Unclassifed Man...
PBA2 ETC2-PBA2 Datasheet
432Kb / 5P
   Programmable Gain and Bias Amplifier Low noise I/V amplifier
logo
Mimix Broadband
CMM1110 MIMIX-CMM1110 Datasheet
398Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com