Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3410.0035.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3410.0035.xx
Description  Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3410.0035.xx Datasheet(HTML) 1 Page - Schurter Inc.

  3410.0035.xx Datasheet HTML 1Page - Schurter Inc. 3410.0035.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
MGA
www.schurter.com/pg0_2
Fuses
Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 °C
UL 248-14 · 125VAC · 125VDC · Super-Quick-Acting FF
Description
-Max.ambienttemperature150°C
-Hermecticallysealedandrobustconstruction
-Thin-filmtechnology
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
Applications
-Medicalequipments
-Military
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
32-125VAC,125VDC
RatedCurrent
0.2-5A
BreakingCapacity
50A
Characteristic
Super-Quick-ActingFF
Mounting
PCB,SMT
AdmissibleAmbientAirTemp. -55°Cto150°C
ClimaticCategory
55/150/21acc.toIEC60068-1
Material:Housing
Ceramic
Material:Terminals
Tin-PlatedNickel
UnitWeight
0.03g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
none
SolderingMethods
Reflow,Wave
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260+0/-5°C/30secacc.toIPC/JE-
DECJ-STD-020D,Level1
LifeTest
MIL-STD-202,Method108A
(1000h@0.70*In@70°C)
LoadHumidityTest
MIL-STD-202,Method103B
(1000h@0.1*In@0.85r.H.@85°C)
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)
Dimensions
3.2mm
 
3.2
0.5
1.55
1.5
1.1
Soldering pads


Similar Part No. - 3410.0035.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3410.0031.01 SCHURTER-3410.0031.01 Datasheet
322Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
More results

Similar Description - 3410.0035.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172876 SCHURTER-172876 Datasheet
415Kb / 2P
Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
MGA-A SCHURTER-MGA-A_V01 Datasheet
363Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MGA SCHURTER-MGA_V02 Datasheet
322Kb / 4P
Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com