Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTZS3151P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTZS3151P
Description  Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTZS3151P Datasheet(HTML) 4 Page - ON Semiconductor

  NTZS3151P Datasheet HTML 1Page - ON Semiconductor NTZS3151P Datasheet HTML 2Page - ON Semiconductor NTZS3151P Datasheet HTML 3Page - ON Semiconductor NTZS3151P Datasheet HTML 4Page - ON Semiconductor NTZS3151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTZS3151P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
−VGS
06
3
4
1
0
QG, TOTAL GATE CHARGE (nC)
ID = −0.77 A
TJ = 25°C
5
2
3
30
10
0
QGD
10
1
10
1
100
RG, GATE RESISTANCE (W)
VDD = −25 V
ID = −0.95 A
VGS = −4.5 V
1000
5
20
td(off)
td(on)
tf
tr
−VDS
4
1
0.9
0.2
0
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
1.2
0.7
0.5
0.1
0.4
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
2
QT
0.8
0.6
0.4
15
5
25
QGS
VDS = 0 V
VGS = 0 V
5
10
10
1000
300
200
100
0
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
COSS
CISS
CRSS
500
50
400
−VGS −VDS
15
600
700
800
900
20
100
0.3
0.2
0.6
0.8
1.0
ORDERING INFORMATION
Device
Package
Shipping
NTZS3151PT1G
SOT−563
(Pb−Free)
4000 / Tape & Reel
NTZS3151PT5G
SOT−563
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.


Similar Part No. - NTZS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZS3151P ONSEMI-NTZS3151P Datasheet
101Kb / 5P
   Small Signal MOSFET
January, 2013 ??Rev. 3
NTZS3151P ONSEMI-NTZS3151P_13 Datasheet
101Kb / 5P
   Small Signal MOSFET
January, 2013 ??Rev. 3
More results

Similar Description - NTZS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
   Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTK3142PT1G ONSEMI-NTK3142PT1G Datasheet
131Kb / 5P
   Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com