Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTZS3151P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTZS3151P
Description  Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTZS3151P Datasheet(HTML) 1 Page - ON Semiconductor

  NTZS3151P Datasheet HTML 1Page - ON Semiconductor NTZS3151P Datasheet HTML 2Page - ON Semiconductor NTZS3151P Datasheet HTML 3Page - ON Semiconductor NTZS3151P Datasheet HTML 4Page - ON Semiconductor NTZS3151P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
NTZS3151P/D
NTZS3151P
Small Signal MOSFET
−20 V, −950 mA, P−Channel SOT−563
Features
Low RDS(on) Improving System Efficiency
Low Threshold Voltage
Small Footprint 1.6 x 1.6 mm
These are Pb−Free Devices
Applications
Load/Power Switches
Battery Management
Cell Phones, Digital Cameras, PDAs, Pagers, etc.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain Current
(Note 1)
Steady
State
TA = 25°C
ID
−860
mA
TA = 70°C
−690
Power Dissipation
(Note 1)
Steady State
PD
170
mW
Continuous Drain Current
(Note 1)
t v 5 s
TA = 25°C
ID
−950
mA
TA = 70°C
−760
Power Dissipation
(Note 1)
t v 5 s
PD
210
mW
Pulsed Drain Current
tp = 10 ms
IDM
−4.0
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
−360
mA
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
RqJA
720
°C/W
Junction−to−Ambient – t v 5 s (Note 1)
RqJA
600
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 in. sq. pad size
(Cu. area = 1.127 in. sq. [1 oz.] including traces).
SOT−563−6
CASE 463A
MARKING
DIAGRAM
http://onsemi.com
V(BR)DSS
RDS(on) Typ
ID Max
−20 V
120 mW @ −4.5 V
144 mW @ −2.5 V
−950 mA
195 mW @ −1.8 V
1
6
TX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
TX M G
G
Top View
D
D
S
D
D
6
5
4
1
2
3
G
PINOUT: SOT−563
D
S
G
P−Channel MOSFET
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NTZS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZS3151P ONSEMI-NTZS3151P Datasheet
101Kb / 5P
Small Signal MOSFET
January, 2013 ??Rev. 3
NTZS3151P ONSEMI-NTZS3151P_13 Datasheet
101Kb / 5P
Small Signal MOSFET
January, 2013 ??Rev. 3
More results

Similar Description - NTZS3151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTK3142PT1G ONSEMI-NTK3142PT1G Datasheet
131Kb / 5P
Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com