Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJM1-12V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # JJM1-12V
Description  COMPACT SIZE AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JJM1-12V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  JJM1-12V Datasheet HTML 1Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 2Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 3Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JJ-M
ORDERING INFORMATION
TYPES AND COIL DATA (at 20
°C 68°F)
* Other pick-up voltage types are also available. Please contact us for details.
DIMENSIONS
mm inch
REFERENCE DATA
Contact
arrangement
Part No.
Nominal
voltage,
V DC
Pick-up voltage,
V DC
(Initial)
Drop-out voltage,
V DC
(Initial)
Coil resistance
Nominal
operating current
mA
Nominal
operating power
mW
Usable
voltage range,
V DC
1 Form A
JJM1a-12 V
12
Max. 7.2
Min. 1.0
225
±10%
53.3
±10%
640
10 to 16
1 Form C
JJM1-12 V
12
Max. 7.2
Min. 1.0
225
±10%
53.3
±10%
640
10 to 16
Contact arrangement
Coil voltage(DC)
1a:
1:
1 Form A
1 Form C
12 V
Ex. JJM
(Note) Standard packing: Carton: 50 pcs.; Case: 1,000 pcs.
2.5
.098
13.9
.547
2-0.3
2-.012
2-0.4
2-.016
10.2
.402
0.3
.012
1.2
.047
10.0
.394
4-1.0
4-.039
1.6±0.3
.063±.012
0.4
.016
A
3.5
.138
15.5
.610
12
.472
Note:
❇Marked terminal is only for 1Form C type
* Dimensions (thickness and width) of terminal specified in this catalog
is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
1a
1c
PC board pattern (Bottom view)
1a
1c
Tolerance:
±0.1 ±.004
COM
COIL
NO
COM
COIL
NO
NC
1.5 dia.
.059 dia.
3-1.4 dia.
3-.055 dia.
10.0
.394
2.5
.098
10.2
.402
1.5 dia.
.059 dia.
4-1.4 dia.
4-.055 dia.
10.0
.394
2.5
.098
10.2
.402
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
1. Coil temperature rise
Sample: JJM1-12V, 6pcs
Point measured: Inside the coil
Contact current: Now current through
contact, 5A, 10A, 15A, 20A
Resistance method, ambient temperature 85
°C 185°F
2. Max. switching capability (Resistive load)
3. Ambient temperature and operating voltage
range
0
20
40
60
80
100
120
12
14
16
Coil applied voltage, V
20A
15A
10A
5A
Non current
through
contact
0
10
50
40
30
20
60
020
30
40
10
50
(N.O. side: room temperature)
Switching current, A
0
5
10
15
35
30
25
20
40
–40 –20
20
40
60
100
0
120
8085
Ambient temperature,
°C
Pick-up voltage
(cold start)
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - JJM1-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JJM2W-12V NAIS-JJM2W-12V Datasheet
48Kb / 2P
DOUBLE MAKE CONTACT AUTOMOTIVE RELAY
logo
Schneider Electric
JJM36150 SCHNEIDER-JJM36150 Datasheet
132Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 150 A, 3P, 25 kA at 600 VAC
JJM36175 SCHNEIDER-JJM36175 Datasheet
132Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJM36200 SCHNEIDER-JJM36200 Datasheet
132Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 200 A, 3P, 25 kA at 600 VAC
JJM36225 SCHNEIDER-JJM36225 Datasheet
132Kb / 2P
PowerPact J-Frame breaker, thermal-magnetic, 225 A, 3P, 25 kA at 600 VAC
More results

Similar Description - JJM1-12V

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIR842500 CELDUC-SIR842500 Datasheet
108Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC864520 CELDUC-SIC864520 Datasheet
99Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC841500 CELDUC-SIC841500 Datasheet
375Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC842160 CELDUC-SIC842160 Datasheet
375Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC841160 CELDUC-SIC841160 Datasheet
375Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC862500 CELDUC-SIC862500 Datasheet
147Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIC865560 CELDUC-SIC865560 Datasheet
104Kb / 2P
New Solid State Relay compact size pitch 22,5mm
SIR841500 CELDUC-SIR841500 Datasheet
108Kb / 2P
New Solid State Relay compact size pitch 22,5mm
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
Compact Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com