Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JJM1-12V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # JJM1-12V
Description  COMPACT SIZE AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

JJM1-12V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  JJM1-12V Datasheet HTML 1Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 2Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 3Page - Panasonic Semiconductor JJM1-12V Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
JJ-M
4. Distribution of pick-up and drop-out voltage
Sample: JJM1-12V, 100pcs
5. Distribution of operate time
Sample: JJM1-12V, 100pcs
6. Distribution of release time
Sample: JJM1-12V, 100pcs
* With diode
0
30
20
10
40
50
60
70
Voltage, V
7.5
Pick-up voltage
Drop-out voltage
1.5
1.0
0.5
0
2.0 2.5 3.0 3.5
4.5 5.0
4.0
5.5 6.0 6.5 7.0
0
30
20
10
40
50
60
70
Time, ms
3.0
2.0
1.5
2.5
3.5
4.5
5.0
4.0
0
30
20
10
40
50
60
70
3.0
2.0
1.5
2.5
3.5
4.5
5.0
4.0
Time, ms
7-(1). Electrical life test (at rated load)
Sample: JJM1-12V
Quantity: n = 6 (NC = 3, NO = 3)
Load: Resisitive load (NC side: 10A 14 V DC, NO side:
20 A 14 V DC); Operating frequency: ON 1s, OFF 9s
Ambient temperature: Room temperature
05
10
0
1
2
3
4
5
6
7
Max.
Max.
Min.
Min.
X
X
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
Contact welding: 0 time
Miscontact: 0 time
7-(2). Electrical life test (Motor free)
Sample: JJM1-12V, 6pcs.
Load: 5A, Inrush 25A, Brake current 18A 14V DC,
Power window motor load (Free condition).
Operating frequency: (ON : OFF = 0.5s : 9.5s)
Ambient temperature: Room temperature
Circuit :
Change of pick-up and drop-out voltage
Change of contact resistance
Tested sample
M
8
7
6
5
4
3
2
1
05
10
0
Max.
Min.
X
Max.
Min.
X
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
Contact welding: 0 time
Miscontact: 0 time
N.O. side
0
No. of operations,
× 104
Max.
Min.
X(N.C.)
30
20
10
50
40
0
20
10
Max.
Min.
X(N.O.)
N.C. side
7-(3). Electrical life test (Motor lock)
Sample: JJM1-12V, 6pcs.
Load: 20A, 14VDC,
Power window motor actual load (lock condition).
Operating frequency: (ON : OFF = 1s : 5s)
Ambient temperature: Room temperature
Circuit :
Change of pick-up and drop-out voltage
Change of contact resistance
Tested sample
M
0
2.5
5
7
3
4
5
6
1
2
0
Max.
Min.
X
Max.
Min.
X
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
Contact welding: 0 time
Miscontact: 0 time
0
No. of operations,
× 104
Max.
Min.
X(N.C.)
10
20
30
40
50
0
5
2.5
Max.
X(N.O.)
N.O. side
N.C. side
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - JJM1-12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JJM2W-12V NAIS-JJM2W-12V Datasheet
48Kb / 2P
   DOUBLE MAKE CONTACT AUTOMOTIVE RELAY
logo
Schneider Electric
JJM36150 SCHNEIDER-JJM36150 Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 150 A, 3P, 25 kA at 600 VAC
JJM36175 SCHNEIDER-JJM36175 Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 175 A, 3P, 25 kA at 600 VAC
JJM36200 SCHNEIDER-JJM36200 Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 200 A, 3P, 25 kA at 600 VAC
JJM36225 SCHNEIDER-JJM36225 Datasheet
132Kb / 2P
   PowerPact J-Frame breaker, thermal-magnetic, 225 A, 3P, 25 kA at 600 VAC
More results

Similar Description - JJM1-12V

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SIR842500 CELDUC-SIR842500 Datasheet
108Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC864520 CELDUC-SIC864520 Datasheet
99Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC841500 CELDUC-SIC841500 Datasheet
375Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC842160 CELDUC-SIC842160 Datasheet
375Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC841160 CELDUC-SIC841160 Datasheet
375Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC862500 CELDUC-SIC862500 Datasheet
147Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIC865560 CELDUC-SIC865560 Datasheet
104Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
SIR841500 CELDUC-SIR841500 Datasheet
108Kb / 2P
   New Solid State Relay compact size pitch 22,5mm
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
   Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
   Compact Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com