Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA555DRE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SA555DRE4
Description  PRCISION TIMERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555DRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SA555DRE4 Datasheet HTML 2Page - Texas Instruments SA555DRE4 Datasheet HTML 3Page - Texas Instruments SA555DRE4 Datasheet HTML 4Page - Texas Instruments SA555DRE4 Datasheet HTML 5Page - Texas Instruments SA555DRE4 Datasheet HTML 6Page - Texas Instruments SA555DRE4 Datasheet HTML 7Page - Texas Instruments SA555DRE4 Datasheet HTML 8Page - Texas Instruments SA555DRE4 Datasheet HTML 9Page - Texas Instruments SA555DRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
NA555, NE555, SA555, SE555
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
www.ti.com
Operating Characteristics
VCC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
NA555
SE555
NE555
TEST
PARAMETER
UNIT
SA555
CONDITIONS(1)
MIN
TYP
MAX
MIN
TYP
MAX
Each timer, monostable(3)
TA = 25°C
0.5
1.5(4)
1
3
Initial error of timing
%
interval(2)
Each timer, astable(5)
1.5
2.25
Each timer, monostable(3)
TA = MIN to MAX
30
100(4)
50
Temperature coefficient of
ppm/
timing interval
°C
Each timer, astable(5)
90
150
Each timer, monostable(3)
TA = 25°C
0.05
0.2(4)
0.1
0.5
Supply-voltage sensitivity of
%/V
timing interval
Each timer, astable(5)
0.15
0.3
CL = 15 pF,
Output-pulse rise time
100
200(4)
100
300
ns
TA = 25°C
CL = 15 pF,
Output-pulse fall time
100
200(4)
100
300
ns
TA = 25°C
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
(2)
Timing interval error is defined as the difference between the measured value and the average value of a random sample from each
process run.
(3)
Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA = 2 kΩ to 100 kΩ,
C = 0.1 mF.
(4)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(5)
Values specified are for a device in an astable circuit similar to Figure 12, with the following component values: RA = 1 kΩ to 100 kΩ,
C = 0.1 mF.
6
Submit Documentation Feedback
Copyright © 1973–2010, Texas Instruments Incorporated
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - SA555DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA555DRE4 TI-SA555DRE4 Datasheet
405Kb / 24P
PRECISION TIMERS
SA555DRE4 TI-SA555DRE4 Datasheet
559Kb / 27P
PRECISION TIMERS
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 30P
Precision timing circuits capable of producing accurate time delays or oscillation
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 36P
Precision Timers
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 36P
xx555 Precision Timers
More results

Similar Description - SA555DRE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
Timers Interval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com