Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA555DRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SA555DRE4
Description  PRCISION TIMERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555DRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SA555DRE4 Datasheet HTML 1Page - Texas Instruments SA555DRE4 Datasheet HTML 2Page - Texas Instruments SA555DRE4 Datasheet HTML 3Page - Texas Instruments SA555DRE4 Datasheet HTML 4Page - Texas Instruments SA555DRE4 Datasheet HTML 5Page - Texas Instruments SA555DRE4 Datasheet HTML 6Page - Texas Instruments SA555DRE4 Datasheet HTML 7Page - Texas Instruments SA555DRE4 Datasheet HTML 8Page - Texas Instruments SA555DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
NA555, NE555, SA555, SE555
SLFS022H – SEPTEMBER 1973 – REVISED JUNE 2010
www.ti.com
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
18
V
VI
Input voltage
CONT, RESET, THRES, TRIG
VCC
V
IO
Output current
±225
mA
D package
97
P package
85
qJA
Package thermal impedance(3) (4)
°C/W
PS package
95
PW package
149
FK package
5.61
qJC
Package thermal impedance(5) (6)
°C/W
JG package
14.5
TJ
Operating virtual junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1, 6 mm (1/16 in) from case for 60 s
JG package
300
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) - TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) - TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
NA555, NE555, SA555
4.5
16
VCC
Supply voltage
V
SE555
4.5
18
VI
Input voltage
CONT, RESET, THRES, and TRIG
VCC
V
IO
Output current
±200
mA
NA555
–40
105
NE555
0
70
TA
Operating free-air temperature
°C
SA555
–40
85
SE555
–55
125
4
Submit Documentation Feedback
Copyright © 1973–2010, Texas Instruments Incorporated
Product Folder Link(s): NA555 NE555 SA555 SE555


Similar Part No. - SA555DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SA555DRE4 TI-SA555DRE4 Datasheet
405Kb / 24P
PRECISION TIMERS
SA555DRE4 TI-SA555DRE4 Datasheet
559Kb / 27P
PRECISION TIMERS
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 30P
Precision timing circuits capable of producing accurate time delays or oscillation
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 36P
Precision Timers
SA555DRE4 TI1-SA555DRE4 Datasheet
1Mb / 36P
xx555 Precision Timers
More results

Similar Description - SA555DRE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
Timers Interval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com