Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC32T245 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AVC32T245
Description  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC32T245 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AVC32T245_09 Datasheet HTML 7Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 8Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 9Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 10Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 11Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 12Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 13Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 14Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
0
10
20
30
40
50
60
6
5
4
3
2
1
0
TA = 25°C
VCCA = 1.8 V
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
0
10
20
30
40
50
60
6
5
4
3
2
1
0
TA = 25°C
VCCA = 1.8 V
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
CL − Load Capacitance − pF
0
10
20
30
40
50
60
6
5
4
3
2
1
0
TA = 25°C
VCCA = 2.5 V
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
0
10
20
30
40
50
60
6
5
4
3
2
1
0
TA = 25°C
VCCA = 2.5 V
CL − Load Capacitance − pF
×
VCCB = 1.2 V
+
VCCB = 1.5 V
r
VCCB = 1.8 V
H
VCCB = 2.5 V
Y
VCCB = 3.3 V
SN74AVC32T245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES553E – MAY 2004 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74AVC32T245


Similar Part No. - SN74AVC32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com