Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC32T245 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AVC32T245
Description  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC32T245 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AVC32T245_09 Datasheet HTML 1Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 2Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 3Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 4Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 5Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 6Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 7Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 8Page - Texas Instruments SN74AVC32T245_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74AVC32T245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES553E – MAY 2004 – REVISED AUGUST 2007
www.ti.com
2
• Member of the Texas Instruments Widebus+™
• I/Os Are 4.6-V Tolerant
Family
• Max Data Rates
• Control Inputs V
IH/VIL Levels Are Referenced to
380 Mbps (1.8-V to 3.3-V Translation)
VCCA Voltage
200 Mbps (< 1.8-V to 3.3-V Translation)
• V
CC Isolation Feature – If Either VCC Input Is at
200 Mbps (Translate to 2.5 V or 1.8V)
GND, Both Ports Are in the High-Impedance
150 Mbps (Translate to 1.5 V)
State
100 Mbps (Translate to 1.2 V)
• Overvoltage-Tolerant Inputs/Outputs Allow
• Latch-Up Performance Exceeds 100 mA Per
Mixed-Voltage-Mode Data Communications
JESD 78, Class II
• Fully Configurable Dual-Rail Design Allows
• ESD Protection Exceeds JESD 22
Each Port to Operate Over Full 1.2-V to 3.6-V
Power-Supply Range
4000-V Human-Body Model (A114-A)
• I
off Supports Partial-Power-Down Mode
200-V Machine Model (A115-A)
Operation
1000-V Charged-Device Model (C101)
This
32-bit
noninverting
bus
transceiver
uses
two
separate
configurable
power-supply
rails.
The
SN74AVC32T245 is optimized to operate with VCCA/VCCB set at 1.4 V to 3.6 V. It is operational with VCCA/VCCB as
low as 1.2 V. The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The
B port is designed to track VCCB. VCCB accepts any supply voltage from 1.2 V to 3.6 V. This allows for universal
low-voltage bidirectional translation between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, and 3.3-V voltage nodes.
The SN74AVC32T245 is designed for asynchronous communication between data buses. The device transmits
data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the
direction-control (DIR) input. The output-enable (OE) input can be used to disable the outputs so the buses are
effectively isolated.
The SN74AVC32T245 is designed so that the control pins (1DIR, 2DIR, 3DIR, 4DIR, 1OE, 2OE, 3OE, and 4OE)
are supplied by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high-impedance
state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
LFBGA – GKE
SN74AVC32T245GKER
–40
°C to 85°C
LFBGA – ZKE (Pb-free)
Tape and reel
SN74AVC32T245ZKER
WY245
LFBGA – ZRL (Pb-free)
SN74AVC32T245ZRLR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Widebus+ is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AVC32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC32T245_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com