Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656BIS6-3 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6656BIS6-3
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656BIS6-3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6656BIS6-3 Datasheet HTML 4Page - Linear Technology LT6656BIS6-3 Datasheet HTML 5Page - Linear Technology LT6656BIS6-3 Datasheet HTML 6Page - Linear Technology LT6656BIS6-3 Datasheet HTML 7Page - Linear Technology LT6656BIS6-3 Datasheet HTML 8Page - Linear Technology LT6656BIS6-3 Datasheet HTML 9Page - Linear Technology LT6656BIS6-3 Datasheet HTML 10Page - Linear Technology LT6656BIS6-3 Datasheet HTML 11Page - Linear Technology LT6656BIS6-3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LT6656

6656fa
pin FuncTions
GND* (Pin 1): Internal Function. This pin must be tied
to ground.
GND (Pin 2): Device Ground.
NC (Pin 3): Not internally connected. May be tied to VIN,
VOUT, GND or floated.
VIN (Pin 4): Power Supply. Bypass VIN with a 0.1µF
capacitor to ground.
NC (Pin 5): Not internally connected. May be tied to VIN,
VOUT, GND or floated.
VOUT (Pin 6): Output Voltage. An output capacitor of 1µF
minimum is required for stable operation.
block DiagraM
NC
NC
6656 BD
BANDGAP
ERROR
AMP
GND
VIN
GND
VOUT
Typical perForMance characTerisTics
Long-Term Drift
HOURS
0
200
150
50
–50
–150
100
0
–100
–200
500
900
300
700
6656 G16
1000
400
800
200
600
100
ALL OPTIONS
CL = 1µF
IL = 0
5 TYPICAL PARTS
SOLDERED ONTO PCB
Integrated 10Hz to 1kHz Noise
vs Load Current
0.1µ
1m
10m
100µ
10µ
250
150
200
100
50
0
LOAD CURRENT (A)
6656 G23
CL = 0.47µF
CL = 1µF
CL = 10µF
CL = 47µF
2.5V OPTION
Integrated 10Hz to 1kHz Noise
vs Load Current
0.1µ
1m
10m
100µ
10µ
500
400
200
100
300
0
LOAD CURRENT (A)
6656 G25
VIN = VOUT + 0.5V
CL = 1µF
1.25V OPTION
2.5V OPTION
5V OPTION


Similar Part No. - LT6656BIS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656BIS6-2.5 LINER-LT6656BIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5PBF LINER-LT6656BIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656BIS6-2.5TRPBF LINER-LT6656BIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656BIS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com