Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-1.25 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6656AIS6-1.25
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-1.25 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6656AIS6-1.25 Datasheet HTML 10Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 11Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 12Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 13Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 14Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 15Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 16Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 17Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LT6656

6656fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2010
LT 0710 REV A • PRINTED IN USA
relaTeD parTs
PART NUMBER DESCRIPTION
COMMENTS
LT1389
Nanopower Precision Shunt Voltage Reference 0.05% Max 10ppm/°C Max, 800nA Supply
LTC1440
Micropower Comparator with Reference
3.7µA Max Supply Current, 1% 1.182V Reference, MSOP, PDIP and SO-8 Packages
LT1460
Micropower Series Reference
0.075% Max, 10ppm/°C Max Drift, 2.5V, 5V and 10V Versions,MSOP, PDIP, SO-8,
SOT-23 and TO-92 Packages
LT1461
Micropower Precision LDO Series Reference
3ppm/°C Max Drift, 0°C to 70°C, –40°C to 85°C, –40°C to 125°C Options in SO-8
LT1495
1.5µA Precision Rail-to-Rail Dual Op Amp
1.5µA Max Supply Current, 100pA Max IOS
LTC1540
Nanopower Comparator with Reference
600nA Max Supply Current, 2% 1.182V Reference, MSOP and SO-8 Packages
LT1634
Micropower Precision Shunt Voltage
Reference
0.05% Max, 10ppm/°C Max Drift, 1.25V, 2.5V, 4.096V, 5V, 10µA Maximum Supply
Current
LT1790
Micropower Precision Series Reference
0.05% Max, 10ppm/°C Max, 60µA Supply, SOT23 Package
LTC1798
6µA Low Dropout Series Reference
Available in Adjustable, 2.5V, 3V, 4.096V and 5V
LT6003
1.6V, 1µA Precision Rail-to-Rail Op Amp
1µA Max Supply Current, 1.6V Minimum Operating Voltage, SOT-23 Package
LT6650
Micropower Reference with Buffer Amplifier
0.05% Max, 5.6µA Supply, SOT-23 Package
LT6660
Tiny Micropower Series Reference
0.2% Max, 20ppm/°C Max, 20mA Output Current, 2mm
× 2mm DFN
LT6700
Micropower, Low Voltage Dual Comparator
with 40mV Reference
6.5µA Supply Current, 1.4V Minimum Operating Voltage
Typical applicaTion
Reference Regulator for Micropower DAC, Total IQ = 4.8µA
0.1µF
5.1V ≤ VIN ≤ 18V
10µF
VREF VCC
GND
CS
SCK
SDI
LTC1662
DAC A
DAC B
LT6656-5
IN
OUT
5V
0V TO 5V OUTPUT
0V TO 5V OUTPUT
6656 TA07


Similar Part No. - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5 LINER-LT6656AIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5PBF LINER-LT6656AIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com