Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-1.25 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6656AIS6-1.25
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-1.25 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6656AIS6-1.25 Datasheet HTML 8Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 9Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 10Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 11Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 12Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 13Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 14Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 15Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LT6656

6656fa
0
2
4
6
MINUTES
8
0
75
150
225
300
6656 F10
10
120s
40s
tP
30s
TP = 260°C
RAMP
DOWN
RAMP TO
150°C
TS = 190°C
T = 150°C
tL
130s
TL = 217°C
TS(MAX) = 200°C
380s
applicaTions inForMaTion
PC Board Layout
The mechanical stress of soldering a surface mount volt-
age reference to a PC board can cause the output voltage
to shift and temperature coefficient to change.
To reduce the effects of stress-related shifts, position
the reference near the short edge of the PC board or in a
corner. In addition, slots can be cut into the board on two
sides of the device. See Application Note AN82 for more
information. http://www.linear.com
The input and output capacitors should be mounted close
to the package. The GND and VOUT traces should be as
short as possible to minimize the voltage drops caused
by load and ground currents. Excessive trace resistance
directly impacts load regulation.
Figure 10. Lead Free Reflow Profile Due to IR Reflow
Figure 11. Output Voltage Shift Due to IR Reflow,
Peak Temperature = 260°C
CHANGE IN OUTPUT VOLTAGE (ppm)
0
60
20
7
6
4
2
1
5
3
0
6656 F11
220
180
140
100
3 CYCLES
1 CYCLE
2.5V OPTION
VIN = 3V
CL = 1µF
IL = 0
IR reflow. Common lead free IR reflow profiles reach over
250°C, considerably more than lead solder profiles. The
higherreflowtemperatureoftheleadfreepartsexacerbates
the issue of thermal expansion and contraction causing
the output shift to generally be greater than with a leaded
reflow process.
The lead free IR reflow profile used to experimentally
measure the output voltage shift in the LT6656-2.5 is
shown in Figure 10. Similar results can be expected using
a convection reflow oven. Figure 11 shows the change
in output voltage that was measured for parts that were
run through the reflow process for 1 cycle and also 3
cycles. The results indicate that the standard deviation
of the output voltage increases with a positive mean shift
of 120ppm. While there can be up to 220ppm of output
voltage shift, additional drift of the LT6656 after IR reflow
does not vary significantly.
Figure 9. –40°C to 85°C Hysteresis
HYSTERESIS (ppm)
–160 –120
–40
–80
20
18
14
12
8
4
16
10
6
2
0
6656 F09
160
120
40 80
0
–40°C TO 25°C
85°C TO 25°C
2.5V OPTION
VIN = 3V
CL = 1µF
IL = 0
Figure 8. 0°C to 70°C Hysteresis
HYSTERESIS (ppm)
–60
–40
–20
30
25
15
5
20
10
0
6656 F08
60
40
20
0
2.5V OPTION
VIN = 3V
CL = 1µF
IL = 0
0°C TO 25°C
70°C TO 25°C


Similar Part No. - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5 LINER-LT6656AIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5PBF LINER-LT6656AIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com