Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-1.25 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6656AIS6-1.25
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-1.25 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6656AIS6-1.25 Datasheet HTML 6Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 7Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 8Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 9Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 10Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 11Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 12Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 13Page - Linear Technology LT6656AIS6-1.25 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT6656
0
6656fa
Output Settling
The output of the LT6656 is primarily designed to source
current into a load, but is capable of sinking current to
aid in output transient recovery. The output stage uses a
class B architecture to minimize quiescent current and
has a crossover dead band as the output transitions from
sourcing to sinking current.
applicaTions inForMaTion
Figure 5. Output Response to 0.5VP-P Step on VIN, CL = 1µF, IL = 0
The settling time is typically less than 8ms for output loads
up to 5mA, however the time required to settle when the
loadisturnedofforinresponsetoaninputtransientcanbe
significantly longer due to the dead band (shown in Figure
7). During this interval the output stage is neither sourcing
nor sinking current so the settling time is dominated by
the ability of the application circuit to discharge the output
capacitor to the voltage at which the sourcing circuitry
in the output stage reactivates. Larger load currents will
decrease the settling time and higher output capacitance
will increase the settling time.
In application circuits where the LT6656 is experiencing
a load step greater than 5µA, such as an ADC reference
and supply implementation, the settling time will typically
remain less than 8ms, regardless of the output settling
from a previous load step.
The settling time can be estimated by the following
equation:
Settling time
Deadband C
I
V
m
L
L
OUT
+
2
0 8
(
)( )
(
)( . ss V
/ )
The deadband is ≈7mV for the 2.5V option, is proportional
to the voltage option (i.e., ≈14mV for the 5V option) and
can double due to variations in processing.
The graph in Figure 6 shows the settling time versus load
step with no load and with a constant 2µA load applied.
Note the settling time can be longer with load steps that
are not large enough to activate the sinking side of the
output stage.
2.7V
2.5V
VOUT
2.3V
3.25V
VIN
2.75V
5ms/DIV
6656 F05
Figure 6. Output Settling Time to 0.05% vs Load Step
LOAD STEP (mA)
6656 F06
0.001
1
10
0.1
0.01
2.5V OPTION
VIN = 3V
CL = 1µF
∆IL = LOAD
STEP TO 2µA
∆IL = LOAD
STEP TO ZERO
∆IL = ZERO TO
LOAD STEP
30
25
20
15
10
5
0
2.52V
2.50V
VOUT
2.48V
1mA
IOUT
2mA
5ms/DIV
6656 F04
2.52V
2.50V
VOUT
2.48V
0µA
IOUT
100µA
5ms/DIV
6656 F03
Figure 3. Transient Response, 0µA to 100µA Load Step
(R2 = 24.9k, R1 = Open)
Figure 4. Transient Response, 1mA to 2mA Load Step
(R1 = R2 = 2.49k)


Similar Part No. - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5 LINER-LT6656AIS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5PBF LINER-LT6656AIS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com