Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656ACS6-1.25 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6656ACS6-1.25
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656ACS6-1.25 Datasheet(HTML) 2 Page - Linear Technology

  LT6656ACS6-1.25 Datasheet HTML 1Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 2Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 3Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 4Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 5Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 6Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 7Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 8Page - Linear Technology LT6656ACS6-1.25 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT6656

6656fa
pin conFiguraTion
absoluTe MaxiMuM raTings
Input Voltage...........................................................±20V
Output Voltage........................................... –0.3V to 20V
Output Voltage Above Input Voltage .........................20V
Specified Temperature Range
Commercial ............................................. 0°C to 70°C
Industrial .............................................–40°C to 85°C
Operating Temperature Range ............... –55°C to 125°C
Output Short Circuit Duration ......................... Indefinite
Junction Temperature .......................................... 150°C
Storage Temperature Range (Note 2)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
(Note 3).................................................................300°C
(Note 1)
GND* 1
GND 2
NC 3
6 VOUT
5 NC
4 VIN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
*CONNECT PIN TO DEVICE GND (PIN 2)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6656ACS6-1.25#PBF
LT6656ACS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-1.25#PBF
LT6656BCS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-1.25#PBF
LT6656AIS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-1.25#PBF
LT6656BIS6-1.25#TRPBF
LTFNK
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-2.048#PBF
LT6656ACS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-2.048#PBF
LT6656BCS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-2.048#PBF
LT6656AIS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-2.048#PBF
LT6656BIS6-2.048#TRPBF
LTFNN
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-2.5#PBF
LT6656ACS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-2.5#PBF
LT6656BCS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-2.5#PBF
LT6656AIS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-2.5#PBF
LT6656BIS6-2.5#TRPBF
LTFGW
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-3#PBF
LT6656ACS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-3#PBF
LT6656BCS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-3#PBF
LT6656AIS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-3#PBF
LT6656BIS6-3#TRPBF
LTFNQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656ACS6-3.3#PBF
LT6656ACS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656BCS6-3.3#PBF
LT6656BCS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
0°C to 70°C
LT6656AIS6-3.3#PBF
LT6656AIS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6656BIS6-3.3#PBF
LT6656BIS6-3.3#TRPBF
LTFNS
6-Lead Plastic TSOT-23
–40°C to 85°C


Similar Part No. - LT6656ACS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656ACS6-2.5 LINER-LT6656ACS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656ACS6-2.5PBF LINER-LT6656ACS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656ACS6-2.5TRPBF LINER-LT6656ACS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656ACS6-1.25

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com