Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656ACS6-2.048PBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT6656ACS6-2.048PBF
Description  1關A Precision Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656ACS6-2.048PBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6656ACS6-2.048PBF Datasheet HTML 9Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 10Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 11Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 12Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 13Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 14Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 15Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 16Page - Linear Technology LT6656ACS6-2.048PBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT6656

6656fa
0.1µF
10µF
LT6656-2.5
3V ≤ VIN ≤ 18V
6656 TA02
PB0/AIN0/AREF/MOSI
MCU
5
PB1/INT0/AIN1/MISO/OC1A
6
PB2/ADC1/SCK/T0/INT0
7
PB3/ADC2
2
PB4/ADC3
3
PB5/RESET/ADC0
1
VCC/VREF
GND
OUT
IN
Typical applicaTions
Regulator Reference
The robust input and output of the LT6656 along with its
high output current make it an excellent precision low
power regulator as well as a reference. The LT6656 would
be a good match with a small, low power microcontroller.
Using the LT6656 as a regulator reduces power consump-
tion, decreases solution size and increases the accuracy
of the microcontroller’s on board ADC.
Figure 12. Microcontroller Reference and Regulator
Low Power ADC Reference
Low power ADCs draw only a few µAs during their idle
period and well over 100µA during conversions. Despite
these surges of current, the ADC in reality can have very
low power consumption. Figure 13 shows the LTC2480, a
low power delta sigma ADC. When the ADC is disabled its
quiescentcurrent(IQ)isroughly1µA,duringconversionthe
IQ jumps up to 160µA. In reality, the power consumption
is not only based on the IQ during conversion, but the real
power consumption of the ADC is set by the conversion
time and the sample rate. The LTC2480 shown in Figure 13
has a conversion time of 160ms which sets the maximum
samplerateof6samplespersecond.Themaximumsample
ratealsosetsthemaximumcurrentconsumptionto160µA,
but at slower sample rates the ADC will have significantly
lower average current draw. If the ADC is sampled at 1
sample per second the average current drawn by the ADC
during a 1 second interval would only be 26.4µA. When
taking into consideration the current drawn by the refer-
ence, the total current draw is only 27.4µA. This system is
greatlysimplifiedbecausetheprecisionreferencedoesnot
need to be cycled on and off to save power. Furthermore,
leaving the reference on continuously eliminates concern
for turn-on settling time.
Figure 13. Low Power ADC Reference
0.1µF
5.1V ≤ VIN ≤ 18V
4.7µF
6656 TA05
DIFFERENTIAL INPUT
±VREF • 0.5 (±2.5V)
AT 1sps, IQ = 27.4µA
LT6656-5
IN
OUT
SDO
IN
CS
SCK
IN+
LTC2480
VCC
REF


Similar Part No. - LT6656ACS6-2.048PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656ACS6-2.5 LINER-LT6656ACS6-2.5 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656ACS6-2.5PBF LINER-LT6656ACS6-2.5PBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
LT6656ACS6-2.5TRPBF LINER-LT6656ACS6-2.5TRPBF Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656ACS6-2.048PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com