Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40906030003 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 40906030003
Description  Power PCB Relay 409
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

40906030003 Datasheet(HTML) 2 Page - Tyco Electronics

  40906030003 Datasheet HTML 1Page - Tyco Electronics 40906030003 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power PCB Relay 409
1 pole 10 A, 2 pole 8
Other data
Flammability class according to UL 94
V-0
Coll insulation system according to UL 1446
F
Ambient temperature DC-coil
-20...+70 °C
Mechanical life DC-coil
30x106 operations
Max. switching rate at rated- / minimum load
15 min-1 / 1200 min-1
Operate- / release time
typ. 10 / 3 ms
Bounce time
typ. 3 ms
Vibration resistance
20 g (30...300 Hz)
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof
Relay weight
15 g
Packaging unit
25 / 250 pcs.
Insulation
Dielectric strength
coil-contacts
2500 Vrms
4000 Vrms (40904/07)
open contact circuit
1000 Vrms
Clearance / creepage
4 mm
8 / 8 mm (40904/07)
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 250
Tracking resistance of relay base
PTI 250
Dimensions
View on solder pins
Dimensions in mm
S0273-AK
PCB layout / terminal assignment
1 C/O / N/O contact, 5 mm
S0468-AH
S0468-AC
S0468-AA
1 N/O contact, 3.5 mm
S0468-AT
S0468-AS
2 C/O contacts, 5 mm
S0468-AH
S0468-AJ
1 C/O contact
1 N/O contact
1 C/O, 2 C/O contacts
1 N/O contact
S0273-AI


Similar Part No. - 40906030003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
4090207800 DELTA-4090207800 Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results

Similar Description - 40906030003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D227912-409 ETC2-700D227912-409 Datasheet
566Kb / 4P
   700D227912-409
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com