Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20-000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 20-000
Description  WILMAR??Protective Relays- 20-000 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

20-000 Datasheet(HTML) 1 Page - Tyco Electronics

  20-000 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
41
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
The output contacts of frequency relays are ener-
gized when the frequency exceeds the adjustable set
point. Overfrequency and underfrequency relays are
available in 50, 60 and 400Hz. Combination over/
underfrequency “band pass” relays are also avail-
able. These are energized at rated frequency and de-
energized during overfrequency or underfrequency
conditions.
Frequency Differential relays are ener-
gized between the preset frequencies. The pick-up
and drop-out frequency settings are independently
adjustable.
Operation:
The normally open contacts close, and the normally
closed contacts open, at all frequencies above the set
point. The contacts in the connection diagram, are
shown in the de-energized position (below the trip
set point).
Frequency Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
20-050X
Type:
20 - Frequency
Frequency Range
040 = 40-50 Hz
050 = 50-60 Hz
060 = 60-70 Hz
350 = 350-500 Hz
400 = 400-450 Hz
Mounting Options
X = Flange
blank = Stud
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1.
Remove screw for access to trip adjustment.
PART NUMBER SELECTION
Part Number
Input Voltage (
±10%) ......................
Frequencies Range (adjustable) ......
Differential ........................................
Temperature Range .........................
Temperature Drift .............................
Voltage Error ....................................
Contact Ratings ................................
Output Contacts ...............................
20-000 Series
120 VAC, Single Phase
See Part Number Selection
Frequency pick-up to drop-out differential is 1% max
-40oC to +85oC
± 1% frequency error over temperature range
± 1% for input voltage of 120 VAC ± 10%
5 amp resistive at 120 VAC or 28 VDC
One set N.O., one set N.C.
120VAC
81 O
11/64" DIA.
4 MTG. HOLES
3 13/16
4 1/2
#6 - 32 STUDS
6 PLACES
2
3 /4
3
1 /2
WILMAR™ Protective Relays – 20-000 Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - 20-000

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
20-002-101ST ARIES-20-002-101ST Datasheet
181Kb / 1P
DIP Jumpers
20-002-101STL ARIES-20-002-101STL Datasheet
181Kb / 1P
DIP Jumpers
20-002-101T ARIES-20-002-101T Datasheet
181Kb / 1P
DIP Jumpers
20-002-101TL ARIES-20-002-101TL Datasheet
181Kb / 1P
DIP Jumpers
20-002-102ST ARIES-20-002-102ST Datasheet
181Kb / 1P
DIP Jumpers
More results

Similar Description - 20-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
WCD MACOM-WCD Datasheet
58Kb / 1P
WILMAR Protective Relays
1001 MACOM-1001 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
710X MACOM-710X Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
20-050-19 MACOM-20-050-19 Datasheet
58Kb / 1P
WILMAR??Protective Relays - 20-050-19 Series (Voltage/Frequency)
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
250X MACOM-250X Datasheet
72Kb / 1P
WILMAR??Protective Relays - 250 Series, Over/Undervoltage
D100X MACOM-D100X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com