Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR6
Description  Safety Relay SR6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6 Datasheet(HTML) 1 Page - Tyco Electronics

  SR6_09 Datasheet HTML 1Page - Tyco Electronics SR6_09 Datasheet HTML 2Page - Tyco Electronics SR6_09 Datasheet HTML 3Page - Tyco Electronics SR6_09 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
1
Safety Relay SR6
n 6 pole safety relay with either
4 NO+2 NC or 3 NO+3 NC or 5 NO+1 NC contacts
n Forcibly guided contacts according to EN50205
n Rated current 8 A
n Coil power 800 mW or 1200 mW
Applications
Emergency shut-off, press control, machine control, elevator
and escalator control, safety modules
Approvals
V REG.-Nr. 128935, Z E214024, T 968/EL 350.04/09
Technical data of approved types on request
Contact data
Contact configuration
3 NO contacts and 3 NC contacts
4 NO contacts and 2 NC contacts
5 NO contacts and 1 NC contact
Contact set
single contact, forcibly guided
type A according to EN 50205
Type of interruption
micro disconnection
Rated voltage / max. switching voltage AC
250 / 400 VAC
Rated current
8 A
Maximum breaking capacity AC
2000 VA
Contact material
800 mW version
AgSnO2 + 0,2 μm Au
1200 mW version
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Contact ratings
Type
Contact Load*)
Ambient
Cycles
temp. [°C]
EN60947-5-1
SR6
1 NO
IEC 947-5-1 (AC15) utilization category 250 VAC / 5 A
23°C
6,050
SR6
1 NO
IEC 947-5-1 (DC13) utilization category 24 VDC / 6 A
23°C
6,050
*) load on one pole
Coil data
Rated coil voltage range DC coil
5...110 VDC
Operative range
2
Coil versions, 800 mW, DC-coil
Coil code
Nominal
Operate
Release
Coil
Rated coil
Order. code
voltage
voltage
voltage
resistance
power
block 4
VDC
VDC
VDC
c
mW
K05
5
3.8
0.5
31
+10%
806
K06
6
4.5
0.6
45
+10%
800
K09
9
6.8
0.9
101
+10%
802
K12
12
9.0
1.2
180
+10%
800
K18
18
13.5
1.8
405
+10%
800
K21
21
15.8
2.1
551
+10%
800
K24
24
18.0
2.4
720
+10%
800
K36
36
27.0
3.6
1620
+10%
800
K40
40
30.0
4.0
2000
+10%
800
K48
48
36.0
4.8
2880
+10%
800
K60
60
45.0
6.0
4500
+10%
800
K85
85
63.8
8.5
9031
+10%
800
L10
110
82.5
11.0
15130
+10%
800
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0206-EA


Similar Part No. - SR6_09

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
Ceiling surface mounting
logo
MIC GROUP RECTIFIERS
SR610 MIC-SR610 Datasheet
57Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR6100CK RECTRON-SR6100CK Datasheet
107Kb / 4P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 6.0 Amperes
logo
Jinan Jingheng (Group) ...
SR620 JINANJINGHENG-SR620 Datasheet
80Kb / 2P
SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR620 GXELECTRONICS-SR620 Datasheet
332Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR6_09

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6 MACOM-SR6_05 Datasheet
199Kb / 3P
Safety Relay SR6
SR6DM MACOM-SR6DM_09 Datasheet
233Kb / 3P
Safety Relay SR6 D/M
SR6Z MACOM-SR6Z_05 Datasheet
131Kb / 2P
Safety Relay on DIN-rail SR6 Z
logo
TE Connectivity Ltd
SR6 TEC-SR6 Datasheet
506Kb / 2P
Force Guided Relay on DIN-rail SR6 Z
logo
Tyco Electronics
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
Force Guided Relay SR6 A/B/C/V
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com